Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

521743-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 521743-1
Description  FASTIN-FASTON Product Line
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

521743-1 Datasheet(HTML) 2 Page - Tyco Electronics

  521743-1 Datasheet HTML 1Page - Tyco Electronics 521743-1 Datasheet HTML 2Page - Tyco Electronics 521743-1 Datasheet HTML 3Page - Tyco Electronics 521743-1 Datasheet HTML 4Page - Tyco Electronics 521743-1 Datasheet HTML 5Page - Tyco Electronics 521743-1 Datasheet HTML 6Page - Tyco Electronics 521743-1 Datasheet HTML 7Page - Tyco Electronics 521743-1 Datasheet HTML 8Page - Tyco Electronics 521743-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
61
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTIN-FASTON Product Line (Continued)
FASTON Terminals (Insulated and Uninsulated)
Note: All part numbers are RoHS compliant.
A — Receptacle Housing
B — Tab Housing
Style
Material
Color
UL 94
Note
Part Number
Natural
V2
480054-3
X
X
A
Nylon
Black
V2
480054-4
X
X
Red
V2
480054-5
X
X
Natural
V0
521290-1
X
X
Natural
V2
480053-3
X
X
B
Nylon
Black
V2
480053-4
X
X
Red
V2
480053-5
X
X
Natural
V0
521289-1
X
X
C
Nylon
Natural
V2
521743-1
X
X
D
Nylon
Natural
V2
521744-1
X
X
1
Flammability rating.
250 Series (6.3 mm)
Single Position Connectors
(Housings)
R
R
Style
Material
Color
UL 94
Note
Dimensions (mm)
Part Number
WL
H
Natural
V2
.402
.902
.654
180907-0
D
Nylon
Black
V2
10.2
22.9
16.6
180907-5
Natural
V0
GWT 750° No Flame
1-180907-0
Natural
V2
.500
1.224
.791
180908-0
E
Nylon
Black
V2
12.7
31.1
20.1
180908-5
Natural
V0
GWT 750° No Flame
880310-8
R
R
.393
[9.98]
.410
[10.41]
.260
[6.60]
.945
[24.00]
1.280
[32.51]
Max.
.529
[13.44]
Max.
C — Receptacle Housing
.320
[8.12]
.945
[24.00]
.392
[9.95]
.262
[6.65]
D — Tab Housing
1.280
[32.51]
.500
[12.70]
.368
[3.92]
250 Series (6.3 mm)
2 Position Connectors
D — Receptacle Housing
E — Tab Housing
Style
Material
Color
UL 94
Note
Dimensions (mm)
Part Number
WL
H
Natural
V2
.492
.902
.394
180923-0
X
F
Nylon
Black
V2
12.50
22.9
10.0
180923-5
X
Natural
V0
4-180923-0
X
Natural
V2
.598
1.240
.520
180924-0
X
G
Nylon
Black
V2
15.2
31.5
13.2
180924-5
X
Natural
V0
4-180924-0
X
R
R
250 Series (6.3 mm)
2 Position Connectors
F — Receptacle Housing
G — Tab Housing
W
W
L
L
H
H
W
L
H
W
L
H


Similar Part No. - 521743-1

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
52174 MICROPAC-52174 Datasheet
112Kb / 3P
   NEGATIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
More results

Similar Description - 521743-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
42281 MACOM-42281 Datasheet
77Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35 SERIES
1652471 MACOM-1652471 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
170031 MACOM-170031 Datasheet
60Kb / 1P
   .025 SERIES FASTIN FASTON RECEPTACLE
521289-1 MACOM-521289-1 Datasheet
61Kb / 1P
   HOUSING, TAB, FASTIN-FASTON, .250 SERIES
logo
TE Connectivity Ltd
60249 TEC-60249 Datasheet
196Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35[.250] SERIES
REV.G2
logo
Tyco Electronics
180924 MACOM-180924 Datasheet
105Kb / 1P
   FASTIN-FASTON CONNECTOR, .250 SRS. TAB HOUSING, 2 POSITIONS
logo
TE Connectivity Ltd
ENG_DS_1-1773948-2 TEC-ENG_DS_1-1773948-2 Datasheet
2Mb / 3P
   STANDARD FASTON TERMINAL LINE
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
AVX Corporation
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com