Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

480054-5 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 480054-5
Description  FASTIN-FASTON Product Line
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

480054-5 Datasheet(HTML) 5 Page - Tyco Electronics

  480054-5 Datasheet HTML 1Page - Tyco Electronics 480054-5 Datasheet HTML 2Page - Tyco Electronics 480054-5 Datasheet HTML 3Page - Tyco Electronics 480054-5 Datasheet HTML 4Page - Tyco Electronics 480054-5 Datasheet HTML 5Page - Tyco Electronics 480054-5 Datasheet HTML 6Page - Tyco Electronics 480054-5 Datasheet HTML 7Page - Tyco Electronics 480054-5 Datasheet HTML 8Page - Tyco Electronics 480054-5 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
64
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTIN-FASTON Product Line (Continued)
FASTON Terminals (Insulated and Uninsulated)
Note: All part numbers are RoHS
compliant.
250 Series
6 Circuit Connectors
(Housings)
Material
UL 941
Color
Part Numbers
Receptacle
Tab
Nylon
V2
Natural
480003-5
480004-5
X
X
Black
1-480281-02..
1-480282-0...
XX
1
Flammability rating.
2
No mounting ears.
Receptacle Housing
Tab Housing
.945
[24.00]
.760
[19.30]
.710
[18.03]
1.500
[38.10]
1.275
[32.39]
1.240
[31.50]
R
R
Style
Material
Color
UL 94
Note
Dimensions (mm)
Part Number
WL
H
Q
Polyamide
Natural
V2
1.484
.949
.654
163007-0
37.7
24.1
16.6
R
Polyamide
Natural
V2
1.579
1.283
.720
163008-0
40.1
32.6
18.3
R
R
250 Series (6.3 mm)
8 Position Connectors
Q — Receptacle Housing
R — Tab Housing


Similar Part No. - 480054-5

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4800 WELWYN-4800 Datasheet
132Kb / 2P
   Ultra Precision Bulk Metal Film Resistors
logo
TT Electronics.
4800 TTELEC-4800 Datasheet
410Kb / 3P
   Ideal resistor for precision instrumentation
logo
VBsemi Electronics Co.,...
4800 VBSEMI-4800 Datasheet
1,013Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
4800 TUOFENG-4800 Datasheet
303Kb / 4P
   N-Channel Reducded Qg, Fast Switching MOSFET
logo
Heyco.
4800 HEYCO-4800 Datasheet
299Kb / 1P
   Quick Connect Terminals
More results

Similar Description - 480054-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
42281 MACOM-42281 Datasheet
77Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35 SERIES
1652471 MACOM-1652471 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
170031 MACOM-170031 Datasheet
60Kb / 1P
   .025 SERIES FASTIN FASTON RECEPTACLE
521289-1 MACOM-521289-1 Datasheet
61Kb / 1P
   HOUSING, TAB, FASTIN-FASTON, .250 SERIES
logo
TE Connectivity Ltd
60249 TEC-60249 Datasheet
196Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35[.250] SERIES
REV.G2
logo
Tyco Electronics
180924 MACOM-180924 Datasheet
105Kb / 1P
   FASTIN-FASTON CONNECTOR, .250 SRS. TAB HOUSING, 2 POSITIONS
logo
TE Connectivity Ltd
ENG_DS_1-1773948-2 TEC-ENG_DS_1-1773948-2 Datasheet
2Mb / 3P
   STANDARD FASTON TERMINAL LINE
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
AVX Corporation
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com