Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6D1006N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D6D1006N
Description  1.687 DIAMETER 1.5 AMPS 28 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D6D1006N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D6D1006N Datasheet HTML 1Page - List of Unclassifed Manufacturers D6D1006N Datasheet HTML 2Page - List of Unclassifed Manufacturers D6D1006N Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
1.5 amps @ 28 VDC; 0.5 amp @ 115 VAC.
Current Carrying Capacity: 9 amps.
Dielectric Strength: 1,500 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 3.5 milliohms.
Insulation Resistance: Diallyl in excess of 900,000 megohms
Glass in excess of 750,000 megohms.
Ceramic in excess of 1,000,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
DIALLYL PHTHALATE INSULATION
SWITCHES - 30
° INDEX - ADJUSTABLE STOPS - SOLDER LUG TERMINALS
SPECIFICATIONS AND ORDERING INFORMATION
D6 - SERIES
1.687" DIAMETER 1.5 AMPS @ 28 VDC
The D6 Series is one of our more versatile rotary switches. A 30
° index
angle, solder lug terminals, and diallyl phthalate insulation are
standard. However, additional indexes of 36
°, 45°, and 60° and insulation
sections of glass epoxy and ceramic are available. Adjustable stops are
available on indexes of 30
° and 60°.
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Clips and Rotors: Brass with silver plate as standard.
Insulation: Diallyl phthalate, glass, or ceramic.
Index: Dual-ball, side thrust design.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 30
° standard, 36°, 45°, and 60° available.
Index Stops: Adjustable standard, fixed or continuous.
Stop Strength: 25 in. lbs. minimum.
STANDARD PART NUMBER
DIMENSIONS
* FIGURES ARE SHOWN ON PAGES 55 AND 56.
STANDARD CONSTRUCTION
D6D - DIALLYL PHTHALATE CONSTRUCTION
28
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION SECTIONS
SHORTING
*
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION SECTIONS
SHORTING
*
01
02-12
1
1
D6D0112S
D6D0112N
DD
05
02-03
5
1
D6D0503S
D6D0503N
DR
02
02-12
1
2
D6D0212S
D6D0212N
DD
06
02-12
1
6
D6D0612S
D6D0612N
DD
02
02-06
2
1
D6D0206S
D6D0206N
DL
06
02-06
2
3
D6D0606S
D6D0606N
DL
03
02-12
1
3
D6D0312S
D6D0312N
DD
06
02-05
3
2
D6D0605S
D6D0605N
DO
03
02-05
3
1
D6D0305S
D6D0305N
DO
08
02-06
2
4
D6D0806S
D6D0806N
DL
04
02-12
1
4
D6D0412S
D6D0412N
DD
09
02-05
3
3
D6D0905S
D6D0905N
DO
04
02-06
2
2
D6D0406S
D6D0406N
DL
10
02-03
5
2
D6D1003S
D6D1003N
DR
05
02-12
1
5
D6D0512S
D6D0512N
DD
10
02-06
2
5
D6D1006S
D6D1006N
DL
.437


Similar Part No. - D6D1006N

ManufacturerPart #DatasheetDescription
logo
C&K Components
D6D6C00F1LFS CK-COMPONENTS-D6D6C00F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
D6D6C00F2LFS CK-COMPONENTS-D6D6C00F2LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
D6D6C10F1LFS CK-COMPONENTS-D6D6C10F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
D6D6C10F2LFS CK-COMPONENTS-D6D6C10F2LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
D6D6C30F1LFS CK-COMPONENTS-D6D6C30F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
More results

Similar Description - D6D1006N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
   1 1/2 DIAMETER 1.5 AMPS 28 VDC
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
   2 5/16 DIAMETER 1.5 AMPS 28 VDC
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
   1 5/16 DIAMETER 1.5 AMPS 28 VDC
E2G0203S-1 ETC2-E2G0203S-1 Datasheet
56Kb / 2P
   Lever Action 1.5 AMPS 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0606S-A ETC2-C4D0606S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
   1 DIAMETER 2.0 AMPS 28 VDC
D8G0117S ETC2-D8G0117S Datasheet
70Kb / 2P
   2 5/16 DIAMETER 2.25 AMPS 28 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com