Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTA144EUA-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTA144EUA-7
Description  PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA144EUA-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTA144EUA-7 Datasheet HTML 1Page - Diodes Incorporated DDTA144EUA-7 Datasheet HTML 2Page - Diodes Incorporated DDTA144EUA-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30325 Rev. 2 - 1
2 of 3
DDTA (R1 = R2 SERIES) UA
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
Vl(off)
-0.5
-1.1
¾
V
VCC = 5V, IO = 100mA
Vl(on)
¾
-1.9
-3
VO = 0.3V, IO = 20mA, DDTA123EUA
VO = 0.3V, IO = 20mA, DDTA143EUA
VO = 0.3V, IO = 10mA, DDTA114EUA
VO = 0.3V, IO = 5mA, DDTA124EUA
VO = 0.3V, IO = 2mA, DDTA144EUA
VO = 0.3V, IO = 1mA, DDTA115EUA
Output Voltage
VO(on)
¾
-0.1
-0.3
V
IO/Il =10mA/0.5mA, DDTA123EUA
IO/Il =10mA/0.5mA, DDTA143EUA
IO/Il =10mA/0.5mA, DDTA114EUA
IO/Il =10mA/0.5mA, DDTA124EUA
IO/Il =10mA/0.5mA, DDTA144EUA
IO/Il =5mA/0.25mA, DDTA115EUA
Input Current
DDTA123EUA
DDTA143EUA
DDTA114EUA
DDTA124EUA
DDTA144EUA
DDTA115EUA
Il
¾
¾
-3.8
-1.8
-.88
-.36
-.18
-.15
mA
VI = -5V
Output Current
IO(off)
¾
¾
0.5
m
A
VCC = -50V, VI = 0V
DC Current Gain
DDTA123EUA
DDTA143EUA
DDTA114EUA
DDTA124EUA
DDTA144EUA
DDTA115EUA
Gl
-20
-20
-30
-56
-68
-82
¾
¾
¾
VO = -5V, IO = -20mA
VO = -5V, IO = -10mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio
R2/R1
0.8
1
1.2
¾
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = 5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
N
P
R
S
T
U
V
W
Date Code Key
XXX = Product Type Marking Code
See Sheet 1 Diagrams
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Notes:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
DDTA123EUA-7
SOT-323
3000/Tape & Reel
DDTA143EUA-7
SOT-323
3000/Tape & Reel
DDTA114EUA-7
SOT-323
3000/Tape & Reel
DDTA124EUA-7
SOT-323
3000/Tape & Reel
DDTA144EUA-7
SOT-323
3000/Tape & Reel
DDTA115EUA-7
SOT-323
3000/Tape & Reel
Ordering Information (Note 2)


Similar Part No. - DDTA144EUA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA144EUA-7-F DIODES-DDTA144EUA-7-F Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 7 - 2
More results

Similar Description - DDTA144EUA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EUA DIODES-DDTA123EUA_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 7 - 2
DDTA113ZUA DIODES-DDTA113ZUA Datasheet
197Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA114GUA DIODES-DDTA114GUA Datasheet
193Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30328 Rev. 2 - 2
DDTAXXXXUA DIODES-DDTAXXXXUA Datasheet
196Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA113TUA DIODES-DDTA113TUA Datasheet
191Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30327 Rev. 2 - 2
DDTA113ZUA DIODES-DDTA113ZUA_1 Datasheet
91Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 6 - 2
DDTA113TUA DIODES-DDTA113TUA_1 Datasheet
457Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30327 Rev. 5 - 2
DDTA114GUA DIODES-DDTA114GUA_1 Datasheet
458Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30328 Rev. 5 - 2
DDTC113TUA DIODES-DDTC113TUA_1 Datasheet
452Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30323 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA_1 Datasheet
88Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 6 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com