Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTA143XUA-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTA143XUA-7
Description  PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA143XUA-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTA143XUA-7 Datasheet HTML 1Page - Diodes Incorporated DDTA143XUA-7 Datasheet HTML 2Page - Diodes Incorporated DDTA143XUA-7 Datasheet HTML 3Page - Diodes Incorporated DDTA143XUA-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30326 Rev. 2 - 2
1 of 4
DDTA (R1¹R2 SERIES) UA
DDTA (R1¹R2 SERIES) UA
PNP PRE-BIASED SMALL SIGNAL SOT-323
SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary NPN Types Available
(DDTC)
·
Built-In Biasing Resistors, R1¹R2
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (1)
VCC
-50
V
Input Voltage, (2) to (1)
DDTA113ZUA
DDTA123YUA
DDTA123JUA
DDTA143XUA
DDTA143FUA
DDTA143ZUA
DDTA114YUA
DDTA114WUA
DDTA124XUA
DDTA144VUA
DDTA144WUA
VIN
+5 to -10
+5 to -12
+5 to -12
+7 to -20
+6 to -30
+5 to -30
+6 to -40
+10 to -30
+10 to -40
+15 to -40
+10 to -40
V
Output Current
DDTA113ZUA
DDTA123YUA
DDTA123JUA
DDTA143XUA
DDTA143FUA
DDTA143ZUA
DDTA114YUA
DDTA114WUA
DDTA124XUA
DDTA144VUA
DDTA144WUA
IO
-100
-100
-100
-100
-100
-100
-70
-100
-50
-30
-30
mA
Output Current
All
IC (Max)
-100
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°
C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°
C
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Mechanical Data
·
Case: SOT-323, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking: Date Code and Marking Code
(See Diagrams & Page 3)
·
Weight: 0.006 grams (approx.)
A
M
J
L
F
D
B C
H
K
G
IN
GND
OUT
P/N
R1
(NOM)
R2
(NOM)
MARKING
DDTA113ZUA
DDTA123YUA
DDTA123JUA
DDTA143XUA
DDTA143FUA
DDTA143ZUA
DDTA114YUA
DDTA114WUA
DDTA124XUA
DDTA144VUA
DDTA144WUA
1KW
2.2KW
2.2KW
4.7KW
4.7KW
4.7KW
10KW
10KW
22KW
47KW
47KW
10KW
10KW
47KW
10KW
22KW
47KW
47KW
4.7KW
47KW
10KW
22KW
P02
P05
P06
P09
P10
P11
P14
P15
P18
P21
P22
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
All Dimensions in mm
IN
IN
R
1
R
2
GND
SCHEMATIC DIAGRAM
OUT
GND
OUT


Similar Part No. - DDTA143XUA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA143XUA-7-F DIODES-DDTA143XUA-7-F Datasheet
91Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 6 - 2
More results

Similar Description - DDTA143XUA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EUA DIODES-DDTA123EUA_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 7 - 2
DDTA123EUA DIODES-DDTA123EUA Datasheet
179Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 2 - 1
DDTA114GUA DIODES-DDTA114GUA Datasheet
193Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30328 Rev. 2 - 2
DDTAXXXXUA DIODES-DDTAXXXXUA Datasheet
196Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA113TUA DIODES-DDTA113TUA Datasheet
191Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30327 Rev. 2 - 2
DDTA113ZUA DIODES-DDTA113ZUA_1 Datasheet
91Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 6 - 2
DDTA113TUA DIODES-DDTA113TUA_1 Datasheet
457Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30327 Rev. 5 - 2
DDTA114GUA DIODES-DDTA114GUA_1 Datasheet
458Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30328 Rev. 5 - 2
DDTC113TUA DIODES-DDTC113TUA_1 Datasheet
452Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30323 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA_1 Datasheet
88Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com