Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5273-05A Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5273-05A
Description  SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 5 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5273-05A Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5273-05A Datasheet HTML 1Page - Molex Electronics Ltd. 5273-05A Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
7A
Voltage - Maximum
250V
Material Info
Old Part Number
5273-05A
Reference - Drawing Numbers
Packaging Specification
SPK-5273-001
Product Specification
PS-5195-001, PS-5195-005, PS-5239-002,
PS-5239-004, PS-5239-006, PS-5239-007,
PS-5273-003, PS-5273-004, RPS-5195-002,
RPS-5239-001
Sales Drawing
SD-5273-001
This document was generated on 05/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5273-05A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5273-05A MOLEX1-5273-05A Datasheet
124Kb / 3P
   3.96mm (.156") Pitch SPOX??and KK짰 Wire-to-Board Header, Vertical, with Friction Lock, 5 Circuits
More results

Similar Description - 5273-05A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-65-2088 MOLEX11-09-65-2088 Datasheet
43Kb / 2P
   SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 8 Circuits
09-65-2078 MOLEX11-09-65-2078 Datasheet
43Kb / 2P
   SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 7 Circuits
09-65-2028 MOLEX11-09-65-2028 Datasheet
43Kb / 2P
   SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 2 Circuits
09-65-2038 MOLEX11-09-65-2038 Datasheet
43Kb / 2P
   SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 3 Circuits
09-65-2068 MOLEX11-09-65-2068 Datasheet
43Kb / 2P
   SPOX??and KK짰 396 Wire-to-Board Header, Vertical, with Friction Lock, 6 Circuits
0009652058 MOLEX1-0009652058_17 Datasheet
37Kb / 2P
   SPOX and KK 396 Wire-to-Board Header, Vertical, with Friction Lock, 5 Circuits
0009652078 MOLEX1-0009652078_17 Datasheet
37Kb / 2P
   SPOX and KK 396 Wire-to-Board Header, Vertical, with Friction Lock, 7 Circuits
0009652038 MOLEX1-0009652038_17 Datasheet
37Kb / 2P
   SPOX and KK 396 Wire-to-Board Header, Vertical, with Friction Lock, 3 Circuits
0009652048 MOLEX1-0009652048_17 Datasheet
37Kb / 2P
   SPOX and KK 396 Wire-to-Board Header, Vertical, with Friction Lock, 4 Circuits
0009652088 MOLEX1-0009652088_17 Datasheet
37Kb / 2P
   SPOX and KK 396 Wire-to-Board Header, Vertical, with Friction Lock, 8 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com