Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT11524 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT11524
Description  115MHz High-Loss SAW Filter 10.1MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT11524 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT11524 Datasheet HTML 1Page - SIPAT Co,Ltd LBT11524 Datasheet HTML 2Page - SIPAT Co,Ltd LBT11524 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT11524
Rev. Date
2004-11-1
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
115MHz High-Loss SAW Filter
10.1MHz Bandwidth
Part Number: LBT11524
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
114.8
115
115.2
Insertion Loss
dB
-
27.4
30
2 dB Bandwidth
MHz
10.1
10.16
-
35 dB Bandwidth
MHz
-
10.78
10.8
Absolute Delay
usec
-
4.367
4.5
Passband Variation
dB
-
1.3
2
Ultimate Rejection
dB
50
51
-
Subatrate Material
112LT
Ambient Temperature
°C
25
Package Size
DIP3512
(35.2x12.7x5.2mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=68nH L2=82nH
L3=27nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBT11524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBT11524 ETC2-LBT11524 Datasheet
273Kb / 3P
   115MHz High-Loss SAW Filter 10.1MHz Bandwidth
logo
SIPAT Co,Ltd
LBT11524 SIPAT-LBT11524 Datasheet
273Kb / 3P
   115MHz High-Loss SAW Filter 10.1MHz Bandwidth
More results

Similar Description - LBT11524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBT11524 ETC2-LBT11524 Datasheet
273Kb / 3P
   115MHz High-Loss SAW Filter 10.1MHz Bandwidth
logo
SIPAT Co,Ltd
LBT11524 SIPAT-LBT11524 Datasheet
273Kb / 3P
   115MHz High-Loss SAW Filter 10.1MHz Bandwidth
LBS15010 SIPAT-LBS15010 Datasheet
140Kb / 3P
   150MHz High-Loss SAW Filter 10.1MHz Bandwidth
LBS15010 SIPAT-LBS15010 Datasheet
135Kb / 3P
   150MHz High-Loss SAW Filter 10.1MHz Bandwidth
LBT11522 SIPAT-LBT11522 Datasheet
139Kb / 3P
   115MHz High-Loss SAW Filter 8.10MHz Bandwidth
LBT11523 SIPAT-LBT11523 Datasheet
144Kb / 3P
   115MHz High-Loss SAW Filter 6.1MHz Bandwidth
LBT11523 SIPAT-LBT11523 Datasheet
139Kb / 3P
   115MHz High-Loss SAW Filter 6.1MHz Bandwidth
LBT11522 SIPAT-LBT11522 Datasheet
145Kb / 3P
   115MHz High-Loss SAW Filter 8.10MHz Bandwidth
LBT11560 SIPAT-LBT11560 Datasheet
141Kb / 3P
   115MHz SAW Filter 4MHz Bandwidth
LBT11561 SIPAT-LBT11561 Datasheet
140Kb / 3P
   115MHz SAW Filter 10MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com