Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

422-023-520-100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 422-023-520-100
Description  200 Contact Spacing x 300 Row Spacing with Staggered Grid
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

422-023-520-100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  422-023-520-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 422-023-520-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
//htmlimg2.alldatasheet.com/htmldatasheet2/590047/ETC2/422-023-520-100/324/3/422-023-520-100.png


Similar Part No. - 422-023-520-100

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
422-023-520-100 EDAC-422-023-520-100 Datasheet
105Kb / 1P
   422 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | No Mounting Ears
422-023-520-100 EDAC-422-023-520-100 Datasheet
244Kb / 2P
   422 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | No Mounting Ears
More results

Similar Description - 422-023-520-100

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
1211420401260 WINCHESTER-1211420401260 Datasheet
161Kb / 1P
   POWER TERMINAL WITH INSULATOR .100 X .300 GRID - 10 PIN
1211420400260 WINCHESTER-1211420400260 Datasheet
161Kb / 1P
   POWER TERMINAL WITH INSULATOR .100 X .300 GRID - 10 PIN
1211420503260 WINCHESTER-1211420503260 Datasheet
140Kb / 1P
   POWER TERMINAL WITH INSULATOR .100 X .300 GRID - 10 PIN
1211420500260 WINCHESTER-1211420500260 Datasheet
140Kb / 1P
   POWER TERMINAL WITH INSULATOR .100 X .300 GRID - 10 PIN
29293 WINCHESTER-29293 Datasheet
145Kb / 1P
   POWER BUSS STRIPS 100 x 300 GRID
27344 WINCHESTER-27344 Datasheet
109Kb / 1P
   POWER BUSS STRIPS 100 x 300 GRID
27239 WINCHESTER-27239 Datasheet
126Kb / 1P
   POWER TERMINAL 100 x 300 GRID - 10 PIN
1212723900260 WINCHESTER-1212723900260 Datasheet
126Kb / 1P
   POWER TERMINAL .100 X .300 GRID - 10 PIN
1212723901260 WINCHESTER-1212723901260 Datasheet
126Kb / 1P
   POWER TERMINAL .100 X .300 GRID - 10 PIN
logo
XP Power Limited
JPS250 XPPOWER-JPS250 Datasheet
470Kb / 6P
   200 W / 300 W with Convection Cooling
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com