Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

421-029-521-102 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 421-029-521-102
Description  200 Contact Spacing x 300 Row Spacing with Staggered Grid
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

421-029-521-102 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  421-029-521-102 Datasheet HTML 1Page - List of Unclassifed Manufacturers 421-029-521-102 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
EETools:
PA52-48A-1


Similar Part No. - 421-029-521-102

ManufacturerPart No.DatasheetDescription
EDAC, All Rights Reserved.
EDAC, All Rights Reserv...
421-029-521-102 EDAC-421-029-521-102 Datasheet
108Kb / 1P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-029-521-102 EDAC-421-029-521-102 Datasheet
244Kb / 2P
   421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
More results

Similar Description - 421-029-521-102

ManufacturerPart No.DatasheetDescription
ITT Industries
ITT Industries
MTV1-16PH00101 ITT-MTV1-16PH00101 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
CONEC Elektronische Bauelemente GmbH
CONEC Elektronische Bau...
122A11129X CONEC-122A11129X Datasheet
180Kb / 1P
   Type G Female connector Contact spacing 5.08 mm ( .200' )
121A10019X CONEC-121A10019X Datasheet
142Kb / 1P
   Type B Male connector Contact spacing .100 and .200
EXCEL CELL ELECTRONIC CO., LTD.
EXCEL CELL ELECTRONIC C...
EIO-CL26V ECE-EIO-CL26V Datasheet
165Kb / 3P
   6.5mm Contact Spacing, Battery Connectors
JDS Uniphase Corporation
JDS Uniphase Corporatio...
DWBW2F4S02 JDSU-DWBW2F4S02 Datasheet
132Kb / 3P
   Bandsplitters 200 GHz Channel Spacing
ITT Industries
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
MIKM6-55P ITT-MIKM6-55P Datasheet
173Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH067 ITT-MIK6-55PH067 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH084 ITT-MIK6-55PH084 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
FCI connector
FCI connector
62684-401100ALF FCI-CONNECTOR-62684-401100ALF Datasheet
1Mb / 14P
   PLASTIC TAPE PACKAGED0.5MM CONTACT SPACING CONNECTOR
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz