Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FES16GT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FES16GT
Description  16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FES16GT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FES16GT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FES16GT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
Trr
nS
Cj
pF
RθjC
TJ
TSTG
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
1.7
V
Maximum Instantaneous Forward Voltage (Note 1)
@ 16 A
VF
0.975
1.3
100
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=100 ℃
IR
10
400
Maximum Reverse Recovery Time (Note 2)
35
- 65 to + 150
Typical Junction Capacitance (Note 3)
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
1
130
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Maximum Repetitive Peak Reverse Voltage
Typical Thermal Resistance
uA
IFSM
IF(AV)
200
A
A
Type Number
Symbol
FES
16AT
FES
16BT
FES
16CT
FES
16DT
16
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Unit
FES
16JT
FES
16FT
FES
16GT
FES
16HT
Features
Low forward voltage drop
Glass passivated chip junction
High current capability
Case: Heatsink TO-220AC
High surge current capability
Weight: 2.1 gram approxiamtely
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
®
FES16AT thru FES16JT
Pb Free Plating Product
FES16AT thru FES16JT
Application
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Pb
16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diode
TO-220AC
Unit : inch (mm)
Positive
Negative
Suffix "TR"
Suffix "T"
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.04/2014
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
℃/W


Similar Part No. - FES16GT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FES16GT FAIRCHILD-FES16GT Datasheet
37Kb / 3P
   16 Ampere Glass Passivated Super Fast Rectifiers
logo
General Semiconductor
FES16GT GE-FES16GT Datasheet
75Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FES16GT VISHAY-FES16GT Datasheet
187Kb / 3P
   Ultrafast Plastic Rectifiers
15-Jan-03
logo
EIC discrete Semiconduc...
FES16GT EIC-FES16GT Datasheet
49Kb / 2P
   Ultrafast Plastic Rectifiers
logo
Fairchild Semiconductor
FES16GT FAIRCHILD-FES16GT Datasheet
50Kb / 3P
   Fast Rectifiers (Glass Passivated)
More results

Similar Description - FES16GT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SFA1604G THINKISEMI-SFA1604G Datasheet
409Kb / 2P
   16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diode
SF1601G THINKISEMI-SF1601G Datasheet
304Kb / 2P
   16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diodes
SFA1604GR THINKISEMI-SFA1604GR Datasheet
628Kb / 2P
   16.0 Ampere Reverse Polarity Super Fast Recovery Rectifier Diode
FES16DTR THINKISEMI-FES16DTR Datasheet
458Kb / 2P
   16.0 Ampere Reverse Polarity Super Fast Recovery Rectifier Diode
logo
Comchip Technology
SF8A01F-G COMCHIP-SF8A01F-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Kwang Myoung I.S. CO.,L...
E1A KISEMICONDUCTOR-E1A Datasheet
5Mb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
EF6A02 YENYO-EF6A02 Datasheet
772Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Comchip Technology
SF10C01CF-G COMCHIP-SF10C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF16C01CF-G COMCHIP-SF16C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF20C01CF-G COMCHIP-SF20C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com