Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC114TU-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DDC114TU-7
Description  NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC114TU-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DDC114TU-7 Datasheet HTML 1Page - Diodes Incorporated DDC114TU-7 Datasheet HTML 2Page - Diodes Incorporated DDC114TU-7 Datasheet HTML 3Page - Diodes Incorporated DDC114TU-7 Datasheet HTML 4Page - Diodes Incorporated DDC114TU-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS30345 Rev. 3 - 2
5 of 5
DDC (xxxx) U
www.diodes.com
1
1
10
010
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Input Voltage vs. Collector Current
V = 0.2
O
-25°C
25°C
75°C
0.01
0.1
1
10
100
01
2
3
4
89
10
V , INPUT VOLTAGE (V)
in
Fig. 5 Collector Current Vs. Input Voltage
-25°C
5
67
75°C
25°C
0.001
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
R
Fig. 4 Output Capacitance
10
5
15
25
I = 0mA
E
10
1000
100
1
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3 DC Current Gain
V
= 10
CE
75°C
-25°C
25°C
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 2 V
vs. I
CE(SAT)
C
I/I = 10
CB
-25°C
75°C
25°C
-50
050
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1 Derating Curve
TYPICAL CURVES - DDC114TK
ONE SECTION


Similar Part No. - DDC114TU-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC114TU-7-F DIODES-DDC114TU-7-F Datasheet
106Kb / 6P
   NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 7 - 2
More results

Similar Description - DDC114TU-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDCXXXXU DIODES-DDCXXXXU Datasheet
67Kb / 2P
   NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 1 - 1
DDC124EU DIODES-DDC124EU_1 Datasheet
106Kb / 6P
   NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 7 - 2
DDC122LU DIODES-DDC122LU Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30424 Rev. 4 - 2
DDAXXXXU DIODES-DDAXXXXU Datasheet
67Kb / 2P
   PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 1 - 1
DDA122LU DIODES-DDA122LU Datasheet
77Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30423 Rev. 4 - 2
DCX124EU DIODES-DCX124EU Datasheet
120Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DDA124EU DIODES-DDA124EU_1 Datasheet
102Kb / 6P
   PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 7 - 2
DCXU DIODES-DCXU Datasheet
75Kb / 3P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 1 - 1
DCX122LU DIODES-DCX122LU Datasheet
81Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 3 - 2
DDTC113TUA DIODES-DDTC113TUA Datasheet
186Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30323 Rev. 2 - 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com