Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C39 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BZX55C39
Description  500mW ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX55C39 Datasheet(HTML) 2 Page - Diodes Incorporated

  BZX55C39 Datasheet HTML 1Page - Diodes Incorporated BZX55C39 Datasheet HTML 2Page - Diodes Incorporated BZX55C39 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS18013 Rev. 3 - 3
2 of 3
BZX55C2V4-BZX55C75
Type
Number
Nominal Zener
Voltage
Zener Voltage
Range
Zener
Impedanc
e
Zener Impedance
Leakage Current @ VR
Temperature
Coefficient
VZ @ IZT
VZ @ IZT
ZZT @ IZT
ZZT @ IZK
IR @
T=25°C
IR @
T=150°C
VR
(V)
(mA)
(V)
(W)
(W)
(mA)
(µA)
(µA)
(V)
(%/K)
BZX55C2V4
2.4
5.0
2.28 to 2.56
< 85
< 600
1.0
< 50
< 100
1.0
-0.09 to -0.06
BZX55C2V7
2.7
5.0
2.5 to 2.9
< 85
< 600
1.0
< 10
< 50
1.0
-0.09 to -0.06
BZX55C3V0
3.0
5.0
2.8 to 3.2
< 85
< 600
1.0
< 4.0
< 40
1.0
-0.08 to -0.05
BZX55C3V3
3.3
5.0
3.1 to 3.5
< 85
< 600
1.0
< 2.0
< 40
1.0
-0.08 to -0.05
BZX55C3V6
3.6
5.0
3.4 to 3.8
< 85
< 600
1.0
< 2.0
< 40
1.0
-0.08 to -0.05
BZX55C3V9
3.9
5.0
3.7 to 4.1
< 85
< 600
1.0
< 2.0
< 40
1.0
-0.08 to -0.05
BZX55C4V3
4.3
5.0
4.0 to 4.6
< 75
< 600
1.0
< 1.0
< 20
1.0
-0.06 to - 0.03
BZX55C4V7
4.7
5.0
4.4 to 5.0
< 60
< 600
1.0
< 0.5
< 10
1.0
-0.05 to +0.02
BZX55C5V1
5.1
5.0
4.8 to 5.4
< 35
< 550
1.0
< 0.1
< 2.0
1.0
-0.02 to + 0.02
BZX55C5V6
5.6
5.0
5.2 to 6.0
< 25
< 450
1.0
< 0.1
< 2.0
1.0
-0.05 to +0.05
BZX55C6V2
6.2
5.0
5.8 to 6.6
< 10
< 200
1.0
< 0.1
< 2.0
2.0
0.03 to 0.06
BZX55C6V8
6.8
5.0
6.4 to 7.2
< 8.0
< 150
1.0
< 0.1
< 2.0
3.0
0.03 to 0.07
BZX55C7V5
7.5
5.0
7.0 to 7.9
< 7.0
< 50
1.0
< 0.1
< 2.0
5.0
0.03 to 0.07
BZX55C8V2
8.2
5.0
7.7 to 8.7
< 7.0
< 50
1.0
< 0.1
< 2.0
6.2
0.03 to 0.08
BZX55C9V1
9.1
5.0
8.5 to 9.6
< 10
< 50
1.0
< 0.1
< 2.0
6.8
0.03 to 0.09
BZX55C10
10
5.0
9.4 to 10.6
< 15
< 70
1.0
< 0.1
< 2.0
7.5
0.03 to 0.10
BZX55C11
11
5.0
10.4 to 11.6
< 20
< 70
1.0
< 0.1
< 2.0
8.2
0.03 to 0.11
BZX55C12
12
5.0
11.4 to 12.7
< 20
< 90
1.0
< 0.1
< 2.0
9.1
0.03 to 0.11
BZX55C13
13
5.0
12.4 to 14.1
< 26
< 110
1.0
< 0.1
< 2.0
10
0.03 to 0.11
BZX55C15
15
5.0
13.8 to 15.6
< 30
< 110
1.0
< 0.1
< 2.0
11
0.03 to 0.11
BZX55C16
16
5.0
15.3 to 17.1
< 40
< 170
1.0
< 0.1
< 2.0
12
0.03 to 0.11
BZX55C18
18
5.0
16.8 to 19.1
< 50
< 170
1.0
< 0.1
< 2.0
13
0.03 to 0.11
BZX55C20
20
5.0
18.8 to 21.2
< 55
< 220
1.0
< 0.1
< 2.0
15
0.03 to 0.11
BZX55C22
22
5.0
20.8 to 23.3
< 55
< 220
1.0
< 0.1
< 2.0
16
0.04 to 0.12
BZX55C24
24
5.0
22.8 to 25.6
< 80
< 220
1.0
< 0.1
< 2.0
18
0.04 to 0.12
BZX55C27
27
5.0
25.1 to 28.9
< 80
< 220
1.0
< 0.1
< 2.0
20
0.04 to 0.12
BZX55C30
30
5.0
28 to 32
< 80
< 220
1.0
< 0.1
< 2.0
22
0.04 to 0.12
BZX55C33
33
5.0
31 to 35
< 80
< 220
1.0
< 0.1
< 2.0
24
0.04 to 0.12
BZX55C36
36
5.0
34 to 38
< 80
< 220
1.0
< 0.1
< 2.0
27
0.04 to 0.12
BZX55C39
39
2.5
37 to 41
< 90
< 500
0.5
< 0.1
< 5.0
30
0.04 to 0.12
BZX55C43
43
2.5
40 to 46
< 90
< 600
0.5
< 0.1
< 5.0
33
0.04 to 0.12
BZX55C47
47
2.5
44 to 50
< 110
< 700
0.5
< 0.1
< 5
36
0.04 to 0.12
BZX55C51
51
2.5
48 to 54
< 125
< 700
0.5
< 0.1
< 10
39
0.04 to 0.12
BZX55C56
56
2.5
52 to 60
< 135
< 1000
0.5
< 0.1
< 10
43
0.04 to 0.12
BZX55C62
62
2.5
58 to 66
< 150
< 1000
0.5
< 0.1
< 10
47
0.04 to 0.12
BZX55C68
68
2.5
64 to 72
< 200
< 1000
0.5
< 0.1
< 10
51
0.04 to 0.12
BZX55C75
75
2.5
70 to 79
< 250
< 1500
0.5
< 0.1
< 10
56
0.04 to 0.12
Electrical Characteristics @ TA = 25°C unless otherwise specified
NOT RECOMMENDED FOR NEW DESIGNS -
USE 1N5221B - 1N5267B


Similar Part No. - BZX55C39

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C39 VISHAY-BZX55C39 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
SUNMATE electronic Co.,...
BZX55C39 SUNMATE-BZX55C39 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
logo
Yangzhou yangjie electr...
BZX55C39 YANGJIE-BZX55C39 Datasheet
196Kb / 5P
   Zener Diodes
logo
Rectron Semiconductor
BZX55C39 RECTRON-BZX55C39 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Gaomi Xinghe Electronic...
BZX55C39 GXELECTRONICS-BZX55C39 Datasheet
102Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - BZX55C39

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
logo
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
logo
Zibo Seno Electronic En...
BZX55C2V4 ZSELEC-BZX55C2V4 Datasheet
46Kb / 3P
   500mW ZENER DIODE
LL55C2V4 ZSELEC-LL55C2V4 Datasheet
503Kb / 3P
   500mW ZENER DIODE
logo
Compensated Deuices Inc...
CDLL5518 CDI-DIODE-CDLL5518 Datasheet
94Kb / 2P
   ZENER DIODE, 500mW
logo
Cystech Electonics Corp...
ZD5270BSH CYSTEKEC-ZD5270BSH Datasheet
305Kb / 7P
   500mW Zener Diode
logo
Microsemi Corporation
IN5519BUR-1 MICROSEMI-IN5519BUR-1 Datasheet
111Kb / 2P
   ZENER DIODE, 500mW
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com