Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1004GA Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SF1004GA
Description  10.0 Ampere Dual Doubler Tandem Super Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SF1004GA Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SF1004GA Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SF1004GA Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
10.0
10.0
100
1.3
1.7
0.98
35
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
®
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
SF1004GD thru SF1008GD
Pb
10.0 Ampere Dual Doubler Tandem Super Fast Recovery Rectifiers
SF1004G
SF1004GA
SF1004GD
Rev.04/2014
SF1004GD thru SF1008GD
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Heatsink TO-220AB
High surge current capability
Weight: 2.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
TO-220AB
Unit : inch (mm)
Application
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "GA"
Suffix "GD"
Suffix "G"
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Tandem Polarity
SF1006G
SF1006GA
SF1006GD
SF1008G
SF1008GA
SF1008GD


Similar Part No. - SF1004GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SF1004GA THINKISEMI-SF1004GA Datasheet
620Kb / 2P
   10.0 Ampere Dual Common Anode Super Fast Recovery Rectifiers
SF1004GA THINKISEMI-SF1004GA Datasheet
620Kb / 2P
   10.0 Ampere Dual Common Cathode Super Fast Recovery Rectifiers
More results

Similar Description - SF1004GA

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SFF1004GD THINKISEMI-SFF1004GD Datasheet
629Kb / 2P
   10.0 Ampere Isolated Dual Doubler Tandem Super Fast Rectifiers
MUR1020GD-CT THINKISEMI-MUR1020GD-CT Datasheet
636Kb / 2P
   10.0 Ampere Dual Doubler Tandem Ultra Fast Recovery Rectifiers
SFF10L04GD THINKISEMI-SFF10L04GD Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
SF101CD THINKISEMI-SF101CD Datasheet
273Kb / 2P
   10.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
SF101CTD THINKISEMI-SF101CTD Datasheet
273Kb / 2P
   10.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
SF101D THINKISEMI-SF101D Datasheet
273Kb / 2P
   10.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
SF104D THINKISEMI-SF104D Datasheet
620Kb / 2P
   10.0 Ampere Dual Tandem Polarity Super Fast Recovery Rectifier
MURF1220CTD THINKISEMI-MURF1220CTD Datasheet
652Kb / 2P
   12.0 Ampere Isolated Dual Doubler Tandem Fast Recovery Rectifiers
F1B2CDI THINKISEMI-F1B2CDI Datasheet
627Kb / 2P
   10.0 Ampere Insulated Dual Tandem Polarity Fast Recovery Rectifiers
MUR3020PTD THINKISEMI-MUR3020PTD Datasheet
724Kb / 2P
   30.0 Ampere Dual Doubler Tandem Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com