Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELC11D2R2F Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ELC11D2R2F
Description  Choke Coils
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC11D2R2F Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ELC11D2R2F Datasheet HTML 1Page - Panasonic Semiconductor ELC11D2R2F Datasheet HTML 2Page - Panasonic Semiconductor ELC11D2R2F Datasheet HTML 3Page - Panasonic Semiconductor ELC11D2R2F Datasheet HTML 4Page - Panasonic Semiconductor ELC11D2R2F Datasheet HTML 5Page - Panasonic Semiconductor ELC11D2R2F Datasheet HTML 6Page - Panasonic Semiconductor ELC11D2R2F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
7.5
±0.5
f 1.0
f 13.0
±0.5
16.0 max.
2–
f 1.50
±0.05
7.5
±0.1
S
F
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
Connection Schematic
Part No.
Inductance
(µH)
Tolerance
(%)
Test Freq.
(kHz)
RDC.( )
[at 20 °C]
✽✽ (Tol.±30 %)
(Tol.±20 %)
IDC.
[at 20 °C]
(A)max.
ELC16B3R3L
3.3
±25
10
✽✽ 0.012
8.50
ELC16B3R9L
3.9
✽✽ 0.013
8.00
ELC16B4R7L
4.7
±20
✽✽ 0.015
7.80
ELC16B5R6L
5.6
✽✽ 0.016
7.40
ELC16B6R8L
6.8
0.018
6.70
ELC16B8R2L
8.2
0.019
6.10
ELC16B100L
10.0
0.022
5.60
ELC16B120L
12.0
0.023
5.50
ELC16B150L
15.0
0.026
5.40
ELC16B180L
18.0
0.028
5.10
ELC16B220L
22.0
±10
0.031
4.60
ELC16B270L
27.0
0.034
4.30
ELC16B330L
33.0
0.039
4.00
ELC16B390L
39.0
0.042
3.90
ELC16B470L
47.0
0.045
3.80
ELC16B560L
56.0
0.051
3.40
ELC16B680L
68.0
0.057
3.20
ELC16B820L
82.0
0.064
3.00
ELC16B101L
100.0
0.072
2.60
ELC16B121L
120.0
0.080
2.50
ELC16B151L
150.0
0.103
2.20
ELC16B181L
180.0
0.115
2.10
ELC16B221L
220.0
0.130
1.90
ELC16B271L
270.0
0.170
1.60
ELC16B331L
330.0
0.200
1.50
ELC16B391L
390.0
0.250
1.30
ELC16B471L
470.0
0.280
1.20
ELC16B561L
560.0
0.380
1.10
ELC16B681L
680.0
0.430
1.00
ELC16B821L
820.0
0.580
0.88
ELC16B102L
1000.0
0.660
0.85
ELC16B122L
1200.0
0.740
0.82
ELC16B152L
1500.0
0.870
0.74
ELC16B182L
1800.0
1.220
0.60
ELC16B222L
2200.0
1.380
0.57
ELC16B272L
2700.0
1.570
0.54
ELC16B332L
3300.0
2.000
0.47
ELC16B392L
3900.0
2.400
0.42
ELC16B472L
4700.0
3.300
0.36
ELC16B562L
5600.0
3.700
0.34
ELC16B682L
6800.0
4.200
0.32
ELC16B822L
8200.0
5.600
0.28
ELC16B103L
10000.0
6.400
0.26
✽ Allowable DC Current: Smaller current value either when the inductance is –10 % or when the case temperature has risen 45 °C.
Examples Type 16B
Feb. 2006


Similar Part No. - ELC11D2R2F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
More results

Similar Description - ELC11D2R2F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com