Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTA143TCA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTA143TCA
Description  PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA143TCA Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTA143TCA Datasheet HTML 1Page - Diodes Incorporated DDTA143TCA Datasheet HTML 2Page - Diodes Incorporated DDTA143TCA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30335 Rev. 2 - 2
1 of 3
DDTA (R1-ONLY SERIES) CA
DDTA (R1-ONLY SERIES) CA
PNP PRE-BIASED SMALL SIGNAL SOT-23
SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary NPN Types Available
(DDTC)
·
Built-In Biasing Resistor, R1 only
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B C
H
G
D
K
C
B
E
Mechanical Data
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking: Date Code and Marking Code
(See Diagrams & Page 2)
·
Weight: 0.008 grams (approx.)
·
Ordering Information (See Page 2)
B
R
1
SCHEMATIC DIAGRAM
E
C
P/N
R1 (NOM)
MARKING
DDTA113TCA
DDTA123TCA
DDTA143TCA
DDTA114TCA
DDTA124TCA
DDTA144TCA
DDTA115TCA
DDTA125TCA
1K
W
2.2K
W
4.7K
W
10K
W
22K
W
47K
W
100K
W
200K
W
P01
P03
P07
P12
P16
P19
P23
P25
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC (Max)
-100
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.85
0.80
a
0
°
8
°
All Dimensions in mm
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - DDTA143TCA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA143TCA DIODES-DDTA143TCA Datasheet
445Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30335 Rev. 5 - 2
DDTA143TCA DIODES-DDTA143TCA Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30335 Rev. 6 - 2
DDTA143TCA DIODES-DDTA143TCA Datasheet
307Kb / 5P
   PNP PRE-BIASED TRANSISTOR IN SOT23
Rev. 7 - 2 June 2021
DDTA143TCA-7-F DIODES-DDTA143TCA-7-F Datasheet
445Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30335 Rev. 5 - 2
DDTA143TCA-7-F DIODES-DDTA143TCA-7-F Datasheet
307Kb / 5P
   PNP PRE-BIASED TRANSISTOR IN SOT23
Rev. 7 - 2 June 2021
More results

Similar Description - DDTA143TCA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA113ZCA DIODES-DDTA113ZCA Datasheet
76Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30334 Rev. 2 - 2
DDTAXXXXCA DIODES-DDTAXXXXCA Datasheet
188Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 2 - 2
DDTA113TCA DIODES-DDTA113TCA_1 Datasheet
445Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30335 Rev. 5 - 2
DDTA113ZCA DIODES-DDTA113ZCA_1 Datasheet
92Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30334 Rev. 6 - 2
DDTA114GCA DIODES-DDTA114GCA_1 Datasheet
92Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 6 - 2
DDTA114GCA DIODES-DDTA114GCA Datasheet
66Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 2 - 2
DDTA123ECA DIODES-DDTA123ECA Datasheet
67Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30333 Rev. 2 - 2
DDTA123ECA DIODES-DDTA123ECA_1 Datasheet
88Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30333 Rev. 6 - 2
DDTA113ZCA DIODES-DDTA113ZCA_2 Datasheet
133Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30334 Rev. 7 - 2
DDTA123ECA DIODES-DDTA123ECA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
Rev. 7 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com