Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813-SL92.16M-44A Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 813-SL92.16M-44A
Description  92.16MHz IF SAW Filter 44.04MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL92.16M-44A Datasheet(HTML) 3 Page - Oscilent Corporation

  813-SL92.16M-44A Datasheet HTML 1Page - Oscilent Corporation 813-SL92.16M-44A Datasheet HTML 2Page - Oscilent Corporation 813-SL92.16M-44A Datasheet HTML 3Page - Oscilent Corporation 813-SL92.16M-44A Datasheet HTML 4Page - Oscilent Corporation 813-SL92.16M-44A Datasheet HTML 5Page - Oscilent Corporation 813-SL92.16M-44A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilent Part Number
813-SL92.16M-44A
January 2011 Rev A
92.16MHz IF SAW Filter 44.04MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-20
-
70
Storage Temperature Range
°C
-40
-
85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
-
92.16
-
Insertion Loss at Fo
dB
-
20.0
22.0
Group Delay Variation (71.0MHz~113.0MHz)
ns
-
17
40
Absolute Delay Time at Fo
us
-
0.98
-
Temperature Coefficient
ppm/
°C
-
-86
-
Amplitude Ripple (71.0MHz~113.0MHz)
dB
-
0.50
0.90
Bandwidth at -1dB
MHz
43.50
44.04
-
Bandwidth at -40dB
MHz
-
49.60
50.50
Relative Attenuation
@62.0MHz
dB
-
60
-
@121.0MHz
dB
-
55
-
Ultimate Rejection
dB
-
43


Similar Part No. - 813-SL92.16M-44A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL92.16M-07A OSCILENT-813-SL92.16M-07A Datasheet
218Kb / 6P
   92.16MHz IF SAW Filter 7.36MHz Bandwidth
More results

Similar Description - 813-SL92.16M-44A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL92.16M-07A OSCILENT-813-SL92.16M-07A Datasheet
218Kb / 6P
   92.16MHz IF SAW Filter 7.36MHz Bandwidth
logo
SIPAT Co,Ltd
LBN12903 SIPAT-LBN12903 Datasheet
142Kb / 4P
   129.1MHz IF SAW Filter 18MHz Bandwidth
LBS12025 SIPAT-LBS12025 Datasheet
144Kb / 4P
   119.6MHz IF SAW Filter 2MHz Bandwidth
LBS13007 SIPAT-LBS13007 Datasheet
141Kb / 4P
   130MHz IF SAW Filter 4MHz Bandwidth
LBS14099 SIPAT-LBS14099 Datasheet
140Kb / 4P
   140MHz IF SAW Filter 3MHz Bandwidth
logo
Oscilent Corporation
809-SL75.0M-05B OSCILENT-809-SL75.0M-05B Datasheet
210Kb / 6P
   75.0MHz IF SAW Filter 5.59MHz Bandwidth
logo
SIPAT Co,Ltd
LBS13007 SIPAT-LBS13007 Datasheet
146Kb / 4P
   130MHz IF SAW Filter 4MHz Bandwidth
logo
Oscilent Corporation
813-IF120.0M-11B OSCILENT-813-IF120.0M-11B Datasheet
217Kb / 6P
   120.0MHz IF SAW Filter 11.47MHz Bandwidth
813-IF120.3M-10A OSCILENT-813-IF120.3M-10A Datasheet
214Kb / 6P
   120.3MHz IF SAW Filter 10.55MHz Bandwidth
813-SL85.1M-22B OSCILENT-813-SL85.1M-22B Datasheet
214Kb / 6P
   85.10MHz IF SAW Filter 22.20MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com