Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4C0605N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D4C0605N
Description  1.437 DIAMETER 1.5 AMPS 28 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D4C0605N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D4C0605N Datasheet HTML 1Page - List of Unclassifed Manufacturers D4C0605N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
INSULATION AND PRINTED CIRCUIT BOARD TERMINAL OPTIONS
DIALLYL PHTHALATE
D4C - CERAMIC CONSTRUCTION
D4D -DIALLYL PHTHALATE CONSTRUCTION
P.C. BOARD MOUNTING PATTERN
ADDITIONAL OPTIONS AND ORDERING INFORMATION
D4 - SERIES
CUSTOM SWITCHES ARE AVAILABLE. CONTACT THE FACTORY WITH YOUR COMPLETE SPECIFICATIONS.
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
25
D4
CUSTOMERS SPECIFIED ORDER NUMBER FOR STANDARD OPTIONS
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY) (SPECIFY)
(SPECIFY)
ADDITIONAL OPTIONS
SHAFT AS VIEWED
WITH NON-TURN LUG
AT 9 O'CLOCK AND
SHAFT IN EXTREME
CCW POSITION AND
STRUT BOLTS
ORIENTED VERTICALLY.
SHAFT
, BUSHING, AND FLAT OPTIONS
ADJUSTABLE STOP
MECHANISM
U
Y
W
Z
REMOVE STOP LUGS TO ACHIEVE
MORE POSITIONS.
R
2 DIGIT
INSULATION
TOTAL
ACTIVE
CONTACT
SERIES
TYPE
POLES
POSITIONS
TYPE
TERMINAL
INDEX
STOP
SHAFT/
SHAFT
TYPE
ANGLE
TYPE
BUSHING
FLAT
D4
G - GLASS
01 - MIN.
12 - MAX @ 30
°
N- NON
C- CERAMIC
06 - MAX @ 60
°
SHORTING
D- DIALLYL
S - SHORTING
L- SOLDER LUG
30
°
A- ADJ.
R- REAR P.C.
60
°
F - FIXED
C- CONT.
SEE
SEE
CHART
CHART
“A”
“B”
How to Order Additional Options:


Similar Part No. - D4C0605N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4C-P001 OMRON-D4C-P001 Datasheet
340Kb / 12P
   Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
D4C-P002 OMRON-D4C-P002 Datasheet
340Kb / 12P
   Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
D4C-P020 OMRON-D4C-P020 Datasheet
340Kb / 12P
   Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
logo
Panasonic Semiconductor
D4CAY4R7A096 PANASONIC-D4CAY4R7A096 Datasheet
6Mb / 67P
   Service Manual
2014
logo
Omron Electronics LLC
D4CC4024 OMRON-D4CC4024 Datasheet
340Kb / 12P
   Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
More results

Similar Description - D4C0605N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
   1 1/2 DIAMETER 1.5 AMPS 28 VDC
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
   2 5/16 DIAMETER 1.5 AMPS 28 VDC
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
   1 5/16 DIAMETER 1.5 AMPS 28 VDC
E2G0203S-1 ETC2-E2G0203S-1 Datasheet
56Kb / 2P
   Lever Action 1.5 AMPS 28 VDC
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
C4D0606S-A ETC2-C4D0606S-A Datasheet
96Kb / 3P
   1.5 DIAMETER 0.5 AMP 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
   1 DIAMETER 2.0 AMPS 28 VDC
D8G0117S ETC2-D8G0117S Datasheet
70Kb / 2P
   2 5/16 DIAMETER 2.25 AMPS 28 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com