Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1D0112S-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C1D0112S-A
Description  SPECIFICATIONS AND ORDERING INFORMATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C1D0112S-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C1D0112S-A Datasheet HTML 1Page - List of Unclassifed Manufacturers C1D0112S-A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road, Raleigh, NC 27604
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
0.25 amp @ 28 VDC; 0.1 amp @ 125 VAC.
Current Carrying Capacity: 6 amps.
Dielectric Strength: 600 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 5 milliohms.
Insulation Resistance: In excess of 10,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
SOLDER LUG - ADJUSTABLE STOPS
SWITCHES - 30
° INDEXING - STOPS SET @ 2 POS.
VERTICAL P.C. TERMINALS - ADJUSTABLE STOPS
SWITCHES - 30
° INDEXING - STOPS SET @ 2 POS.
SPECIFICATIONS AND ORDERING INFORMATION
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Terminals and Contacts: Brass with silver plate as standard.
Insulation: Diallyl phthalate.
Index: Dual-ball, hill and valley.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: 30
° standard, 60°, and 90° available.
Index Stops: Fixed standard, adjustable, or continuous available.
Stop Strength: 0.9 Nm minimum.
STANDARD PART NUMBER
C1 - SERIES
21.97 mm WIDE
0.25 AMP @ 28 VDC
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS
DECK
DECKS
SHORTING
*
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS
DECK
DECKS
SHORTING
*
The C1 Series is our smallest enclosed rotary switch, offering index angles of
30
°, 60°, and 90°. Standard designs utilize solder lug or vertical PC
terminals and diallyl phthalate insulation.
01
02-12
1
1
C1D0112S - A
C1D0112N - A CA
01
02-06
1
1
C1D0106S - VA
C1D0106N - VA
CB
02
02-12
1
2
C1D0212S - A
C1D0212N - A CA
01
02-12
1
1
C1D0112S - VA
C1D0112N - VA
CC
02
02-06
2
1
C1D0206S - A
C1D0206N - A CH
02
02-06
1
2
C1D0206S - VA
C1D0206N - VA
CB
03
02-12
1
3
C1D0312S - A
C1D0312N - A CA
02
02-12
1
2
C1D0212S - VA
C1D0212N - VA CC
03
02-04
3
1
C1D0304S - A
C1D0304N - A CK
03
02-06
1
3
C1D0306S - VA
C1D0306N - VA
CB
04
02-06
2
2
C1D0406S - A
C1D0406N - A CH
03
02-12
1
3
C1D0312S - VA
C1D0312N - VA CC
06
02-04
3
2
C1D0604S - A
C1D0604N - A CK
04
02-06
1
4
C1D0406S - VA
C1D0406N - VA
CB
06
02-06
2
3
C1D0606S - A
C1D0606N - A CH
04
02-12
1
4
C1D0412S - VA
C1D0412N - VA CC
DIMENSIONS
* FIGURES ARE SHOWN ON PAGE 55.
C1D
C1D
SOLDER LUG CONSTRUCTION
V VERTICAL P.C. CONSTRUCTION
6
NOTE:
1. ADD 5.08 FOR EACH ADDITIONAL DECK.
2. 12 FIXED POSITION USES ADJUSTABLE STOP DIMENSIONS.
C
M
E
T
R
I
C


Similar Description - C1D0112S-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
   Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
   Introduction and Ordering Information
logo
Altera Corporation
EPM ALTERA-EPM Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com