Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

503658-1400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 503658-1400
Description  Micro-Lock??2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 14 Circuits, Whtie
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

503658-1400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  503658-1400 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
503658-1400
Status:
Active
Overview:
Micro-Lock™ Connectors
Description:
Micro-Lock™ 2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 14 Circuits,
White
Documents:
3D Model
Application Specification AS-503658-001 (PDF)
Drawing (PDF)
Packaging Specification SPK-503658-001 (PDF)
Product Specification PS-503658-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
503658
Application
Wire-to-Board
Overview
Micro-Lock™ Connectors
Product Name
Micro-Lock™
UPC
884982339835
Physical
Circuits (maximum)
14
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
693.800/mg
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
2.00mm
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
3A
Material Info
Reference - Drawing Numbers
Application Specification
AS-503658-001
Packaging Specification
SPK-503658-001
Product Specification
PS-503658-001, RPS-503658-001
Sales Drawing
SD-503658-001, SD-503660-001, SD-503660-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
503658Series
Mates With
503660 Micro-Lock™ Right-Angle PCB
Header
Use With
503657 Wire-to-Board Crimp Terminal
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 503658-1400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
503658-1000 MOLEX11-503658-1000 Datasheet
44Kb / 1P
   Micro-Lock??2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 10 Circuits, White
503658-1200 MOLEX11-503658-1200 Datasheet
44Kb / 1P
   Micro-Lock??2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 12 Circuits, Whtie
503658-1500 MOLEX11-503658-1500 Datasheet
44Kb / 1P
   Micro-Lock??2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 15 Circuits, Whte.
More results

Similar Description - 503658-1400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
503658-1200 MOLEX11-503658-1200 Datasheet
44Kb / 1P
   Micro-Lock??2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 12 Circuits, Whtie
503658-1000 MOLEX11-503658-1000 Datasheet
44Kb / 1P
   Micro-Lock??2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 10 Circuits, White
503658-0600 MOLEX11-503658-0600 Datasheet
44Kb / 1P
   Micro-Lock??2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 6 Circuits, White
503658-1500 MOLEX11-503658-1500 Datasheet
44Kb / 1P
   Micro-Lock??2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 15 Circuits, Whte.
503658-0500 MOLEX11-503658-0500 Datasheet
44Kb / 1P
   Micro-Lock??2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 5 Circuits, White
503658-0800 MOLEX11-503658-0800 Datasheet
44Kb / 1P
   Micro-Lock??2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 8 Circuits, White
503658-0400 MOLEX11-503658-0400 Datasheet
44Kb / 1P
   Micro-Lock??2.00mm Pitch Single-Row Wire-to-Board Crimp Housing, 4 Circuits, White
51065-1400 MOLEX11-51065-1400 Datasheet
36Kb / 1P
   2.00mm Pitch Micro-Latch??Wire-to-Board Housing, Friction Lock, 14 Circuits
0510651400 MOLEX7-0510651400 Datasheet
280Kb / 6P
   2.00mm (.079") Pitch Micro-Latch??Wire-to-Board Housing, Friction Lock, 14 Circuits
5024391400 MOLEX11-5024391400 Datasheet
126Kb / 2P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 14 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com