Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT10104 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT10104
Description  101.1MHz SAW Filter 6.1MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT10104 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT10104 Datasheet HTML 1Page - SIPAT Co,Ltd LBT10104 Datasheet HTML 2Page - SIPAT Co,Ltd LBT10104 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT10104
Rev. Date
2013-08-02
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
101.1MHz SAW Filter
6.1MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBT10104
T10104
T10104
T10104
Typical Performance
Frequency Response
Passband Response
90
95
100
105
110
115
-114.317
-104.317
-94.317
-84.317
-74.317
-64.317
-54.317
-44.317
-34.317
-24.317
-14.317
Type Performance
Frequency(MHz)
96
97
98
99
100
101
102
103
104
105
106
-26.817
-26.317
-25.817
-25.317
-24.817
-24.317
-23.817
-23.317
-22.817
-22.317
-21.817
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
97
98
99
100
101
102
103
104
105
3500
4000
4500
5000
X: 101.1
Y: 4112
Type Performance
Frequency(MHz)
X: 97.95
Y: 3976
X: 104.2
Y: 4017
97
98
99
100
101
102
103
104
105
-10
-5
0
5
10
15
20
X: 101.1
Y: -0.2217
Type Performance
Frequency(MHz)
X: 104.2
Y: 1.565
X: 97.99
Y: -1.142
Horizontal: 1MHz/Div
Vertical: 500ns/Div
Horizontal: 1MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBT10104

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT10102 SIPAT-LBT10102 Datasheet
138Kb / 3P
   101.3MHz SAW Filter 5MHz Bandwidth
LBT10102 SIPAT-LBT10102 Datasheet
144Kb / 3P
   101.3MHz SAW Filter 5MHz Bandwidth
LBT10103 SIPAT-LBT10103 Datasheet
145Kb / 3P
   101.3MHz IF SAW Filter 5MHz Bandwidth
LBT10103 SIPAT-LBT10103 Datasheet
150Kb / 3P
   101.3MHz IF SAW Filter 5MHz Bandwidth
More results

Similar Description - LBT10104

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT13819 SIPAT-LBT13819 Datasheet
258Kb / 3P
   138.1MHz SAW Filter 6.1MHz Bandwidth
LBT11523 SIPAT-LBT11523 Datasheet
144Kb / 3P
   115MHz High-Loss SAW Filter 6.1MHz Bandwidth
LBT11523 SIPAT-LBT11523 Datasheet
139Kb / 3P
   115MHz High-Loss SAW Filter 6.1MHz Bandwidth
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
LBT13005 SIPAT-LBT13005 Datasheet
286Kb / 3P
   130MHz SAW Filter 4.4MHz Bandwidth
LBT14050 SIPAT-LBT14050 Datasheet
280Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBT14080 SIPAT-LBT14080 Datasheet
271Kb / 3P
   140MHz SAW Filter 8MHz Bandwidth
LBT16035 SIPAT-LBT16035 Datasheet
282Kb / 3P
   160MHz SAW Filter 14MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com