Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX55C3V0 Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. BZX55C3V0
Description  500mW ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX55C3V0 Datasheet(HTML) 1 Page - Diodes Incorporated

  BZX55C3V0 Datasheet HTML 1Page - Diodes Incorporated BZX55C3V0 Datasheet HTML 2Page - Diodes Incorporated BZX55C3V0 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS18013 Rev. 3 - 3
1 of 3
BZX55C2V4-BZX55C75
BZX55C2V4 - BZX55C75
500mW ZENER DIODE
Features
·
Case: DO-35, Glass
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Approx. Weight: 0.13 grams
·
Very Sharp Reverse Characteristic
·
Low Reverse Current Level
·
Very High Stability
·
Low Noise
Mechanical Data
Characteristic
Symbol
Value
Unit
Test Condition
Power Dissipation
Pd
500
mW
Lead length = 4.0mm, TL = 25°C
Zener Current
IZ
Pd/VZ
mA
Thermal Resistance, Junction to Ambient Air
RqJA
300
K/W
Lead length = 4.0mm, TL = constant
Forward Voltage
VF
1.5
V
IF = 200mA
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
B
4.00
C
0.60
D
2.00
All Dimensions in mm
Maximum Ratings @ TA = 25°C unless otherwise specified
NOT RECOMMENDED FOR NEW DESIGNS -
USE 1N5221B - 1N5267B


Similar Part No. - BZX55C3V0

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
BZX55C3V0 VISHAY-BZX55C3V0 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
SUNMATE electronic Co., LTD
SUNMATE electronic Co.,...
BZX55C3V0 SUNMATE-BZX55C3V0 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
Rectron Semiconductor
Rectron Semiconductor
BZX55C3V0 RECTRON-BZX55C3V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
Yangzhou yangjie electronic co., ltd
Yangzhou yangjie electr...
BZX55C3V0 YANGJIE-BZX55C3V0 Datasheet
196Kb / 5P
   Zener Diodes
Vishay Siliconix
Vishay Siliconix
BZX55C3V0 VISHAY-BZX55C3V0 Datasheet
122Kb / 8P
   Small Signal Zener Diodes
More results

Similar Description - BZX55C3V0

ManufacturerPart No.DatasheetDescription
Taiwan Semiconductor Company, Ltd
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
Seme LAB
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
Zibo Seno Electronic Engineering Co.,Ltd
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
Microsemi Corporation
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
Zibo Seno Electronic Engineering Co.,Ltd
Zibo Seno Electronic En...
BZX55C2V4 ZSELEC-BZX55C2V4 Datasheet
46Kb / 3P
   500mW ZENER DIODE
LL55C2V4 ZSELEC-LL55C2V4 Datasheet
503Kb / 3P
   500mW ZENER DIODE
Compensated Deuices Incorporated
Compensated Deuices Inc...
CDLL5518 CDI-DIODE-CDLL5518 Datasheet
94Kb / 2P
   ZENER DIODE, 500mW
Microsemi Corporation
Microsemi Corporation
IN5519BUR-1 MICROSEMI-IN5519BUR-1 Datasheet
111Kb / 2P
   ZENER DIODE, 500mW
Cystech Electonics Corp.
Cystech Electonics Corp...
ZD5270BSH CYSTEKEC-ZD5270BSH Datasheet
305Kb / 7P
   500mW Zener Diode
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
   500mW Zener Diode Series
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz