Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT07088 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT07088
Description  70MHz SAW Filter 4.5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT07088 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT07088 Datasheet HTML 1Page - SIPAT Co,Ltd LBT07088 Datasheet HTML 2Page - SIPAT Co,Ltd LBT07088 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT07088
Rev. Date
2004-12-20
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
4.5MHz Bandwidth
Part Number: LBT07088
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.9
70
70.1
Insertion Loss
dB
-
26.2
27.5
3 dB Bandwidth
MHz
4.5
4.55
4.6
f0±4.55/2+0.4MHz
dB
35
38
-
f0±4.55/2+0.6MHz
dB
45
52
-
f0±4.55/2+1MHz
dB
50
54
-
Selectivity
f0±4.55/2+5MHz
dB
55
59
-
Group Delay Variation(f0±2.25MHz)
nsec
-
90
-
Passband Variation
dB
-
0.9
1.3
Ultimate Rejection
dB
55
60
-
Absolute delay
usec
-
3.95
4
Subatrate Material
112LT
Ambient Temperature
°C
25
Package Size
DIP3512
(35.2x12.7x5.2mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance shown
Matching Configuration
L1=L2=82+33nH
C1=C2=82pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBT07088

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT07088 SIPAT-LBT07088 Datasheet
275Kb / 3P
   70MHz SAW Filter 4.5MHz Bandwidth
More results

Similar Description - LBT07088

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT07088 SIPAT-LBT07088 Datasheet
275Kb / 3P
   70MHz SAW Filter 4.5MHz Bandwidth
LBS13302 SIPAT-LBS13302 Datasheet
355Kb / 3P
   132.5MHz SAW Filter 4.5MHz Bandwidth
LBT20013 SIPAT-LBT20013 Datasheet
316Kb / 3P
   200MHz SAW Filter 4.5MHz Bandwidth
LB140DS23 SIPAT-LB140DS23 Datasheet
288Kb / 3P
   140MHz Low-loss SAW Filter 4.5MHz Bandwidth
LBT17602 SIPAT-LBT17602 Datasheet
290Kb / 3P
   176MHz Low-loss SAW Filter 4.5MHz Bandwidth
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
   2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
   70MHz SAW Filter 27MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com