Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6384-0 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 6384-0
Description  Model 6384 Assembly Instructions Banana Jack, User Installed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6384-0 Datasheet(HTML) 2 Page - Pomona Electronics

  6384-0 Datasheet HTML 1Page - Pomona Electronics 6384-0 Datasheet HTML 2Page - Pomona Electronics 6384-0 Datasheet HTML 3Page - Pomona Electronics 6384-0 Datasheet HTML 4Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90836 (800) 444-6785 or (949) 253-3858
SY/EH/LS
More drawings available at www.pomonaelectronics.com
T:\Release\DataSheets\FlukeDataSheet\FlukeDataSheet\d6384_2_01.doc
Page 2 of
2
Model 6384 & Assembly Instructions
Banana Jack, User Installed
(18-22 AWG)
Sales: 909-469-2900 Fax: 909-629-3317
Technical Assistance: 800-241-2060
FIGURE #1
A.
Slide plastic housing over wire.
B.
Place stripped wire (18, 20, or 22 AWG) end into terminal hole.
FIGURE #2
C.
Crimp terminal using a bare-terminal style crimper. Retention force of joint should exceed 12 pounds to assure no
damage occurs to joint when housing is snapped into place.


Similar Part No. - 6384-0

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6384-0 POMONA-6384-0 Datasheet
34Kb / 3P
   Banana Jack, User Installed (18-22 AWG)
More results

Similar Description - 6384-0

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6384-0 POMONA-6384-0 Datasheet
34Kb / 3P
   Banana Jack, User Installed (18-22 AWG)
6383 POMONA-6383 Datasheet
35Kb / 2P
   Banana Plug, User Installed
logo
List of Unclassifed Man...
BU-P5168-0 ETC2-BU-P5168-0 Datasheet
203Kb / 1P
   Banana Jack
logo
Pomona Electronics
4661 POMONA-4661 Datasheet
34Kb / 2P
   Assembly Instructions
4957 POMONA-4957 Datasheet
47Kb / 2P
   Assembly Instructions
4997 POMONA-4997 Datasheet
26Kb / 2P
   Assembly Instructions
5344 POMONA-5344 Datasheet
28Kb / 2P
   Assembly Instructions
4859 POMONA-4859 Datasheet
26Kb / 2P
   Assembly Instructions
5218 POMONA-5218 Datasheet
46Kb / 2P
   Assembly Instructions
5285 POMONA-5285 Datasheet
42Kb / 2P
   Assembly Instructions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com