Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6282-6SG-522 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. 6282-6SG-522
Description  MINI-CON-X FIELD INSTALLABLE CONNECTORS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

6282-6SG-522 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  6282-6SG-522 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6282-6SG-522 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6282-6SG-522 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6282-6SG-522 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
601 East Wildwood, Villa Park, Illinois 60181 • Telephone (630) 834-7504 • Fax (630) 834-8540
13
®
®
MINI-CON-X® FIELD INSTALLABLE CONNECTORS
Specifications
Typical Specifications
Manufacturers Identifications
Mini-Con-X®
Description
Field Installable Connector & Custom Cable Assemblies
Rating
4.8 thru 13.0A, 600V
Conductor Size
#16 contacts, 16 thru 18 AWG
#20 contacts, 20 thru 24 AWG
Configuration
2 thru 5 #16 Contacts or 2 thru 8 #20 Contacts
Certification
UL Recognized File #E138878 - 250V
CSA Certified File #LR89277 - 600V
Material Specifications
Cable Pin/Socket
Backshell (Removable Twist Lock)
Nylon, UL Recognized, Black
Grommet
Santoprene Rubber, Black
Coupling Ring
Nylon, UL Recognized, Black
Contacts
Brass, Gold over Nickel
Connector Body
Nylon, UL Recognized, Black
O-Ring
Nitrile Rubber, Black
Optional
Long Backshell (Removable Twist Lock)
Nylon, UL Recognized, Black (Style #5)
Winged Coupling Ring
Nylon, UL Recognized, Black (W/6482)
Cable to Cable
Backshell (Removable Twist Lock)
Nylon, UL Recognized, Black
Grommet
Santoprene Rubber, Black
Contacts
Brass, Gold over Nickel
Connector Body
Nylon, UL Recognized, Black
Panel Mount
Contacts
Brass, Gold over Nickel
Panel Body
Nylon, UL Recognized, Black
Gasket
Nitrile Rubber, Black
Hex Nut
Nylon, UL Recognized, Black
Optional
Dust Cap
Santoprene Rubber, Black (Part No. 6295)
Mechanical Specifications
Durability
Minimum 300 mate/unmate cycles without mechanical or electrical failure
Vibration
Coupling rings have overriding locking feature to prevent loosening
or separation of connector
Hex Nut Torque
All series hex nut to withstand 10-12 inch/lb tightening torque
Electrical Specifications
Voltage
600 V
Current
See Electrical Current Rating Chart (Page 27)
Environmental Specifications
Temperature Rating
-55°C to +125°C (-67°F to +257°F)
Corrosion
300 Hr salt spray contacts
Weathertight
Consult factory with specific application
Molded Cable Assemblies
(See Pages 3 & 26)
Watertight
NEMA 6P, 13: IEC IP67


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn