Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6SL10M Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part No. 6SL10M
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RUBYCON [RUBYCON CORPORATION]
Homepage  http://www.rubycon.com
Logo 

6SL10M Datasheet(HTML) 1 Page - RUBYCON CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
( ) : E.S.R. m
PRODUCT LIST
SL / SLE SERIES
( ) : E.S.R. m
SXB / SXE SERIES
SW SERIES
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
WV(V.DC)
Cap (
µ F)
WV(V.DC)
Cap (
µ F)
WV(V.DC)
Cap (
µ F)
10
15
33
47
68
82
100
2V
2.5V
4V
6.3V
8V
SLE(9)
SLE(9)
SLE(10)
SLE(10)
SLE(10)
SL(50)
SLE(13)
2V
2.5V
4V
6.3V
8V
15
22
33
47
68
82
100
120
150
180
220
SXB(13)
SXE(9)
SXE(9)
SXE(9)
SXE(9)
SXE(9)
SXB(13)
SXE(9)
SXE(9)
SXB(13)
SXE(9)
SXE(9)
SXE(9)
SXB(13)
SXE(10)
SXE(10)
SXB(13)
SXE(10)
SXE(10)
SXE(10)
SXB(13)
SXB(15)
SXE(10)
SXB(13)
SXE(10)
SXE(10)
SXE(10)
SXE(10)
( ) : E.S.R. m
2V
2.5V
4V
6.3V
8V
33
100
120
150
180
220
270
330
390
2.7mm
2.9mm
2.7mm
2.9mm
2.7mm
2.9mm
2.7mm
2.7mm
SW(13)
SW(9)
SW(9)
SW(9)
SW(9)
SW(9)
SW(9)
SW(9)
SW(9)
SW(9)
SW(10)
SW(10)
SW(10)
SW(10)
SW(9)
SW(9)
2.9mm


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn