Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3026 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # ZSSC3026
Description  Low Power, High Resolution 16-Bit Sensor Signal Conditioner
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3026 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ZSSC3026 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZSSC3026 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZSSC3026 Datasheet HTML 29Page - List of Unclassifed Manufacturers ZSSC3026 Datasheet HTML 30Page - List of Unclassifed Manufacturers ZSSC3026 Datasheet HTML 31Page - List of Unclassifed Manufacturers ZSSC3026 Datasheet HTML 32Page - List of Unclassifed Manufacturers ZSSC3026 Datasheet HTML 33Page - List of Unclassifed Manufacturers ZSSC3026 Datasheet HTML 34Page - List of Unclassifed Manufacturers ZSSC3026 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
ZSSC3026
Low Power 16 Bit Sensor Signal Conditioner IC
Data Sheet
May 15, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 1.02
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
31 of 46
MTP
Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
Signal Conditioning Parameters
0
0BIN
Offset_B[16]
Bridge offset, bit[16]—functions as the MSB and
combines with Offset_B[15:0] in 05HEX to form the
17-bit coefficient’s absolute value
1
0BIN
Offset_B_sign
Sign for sensor bridge offset (Offset_B):
0 => a positive value or
1 => a negative value
2
0BIN
Gain_B[16]
Bridge gain, bit[16] —functions as the MSB and
combines with Gain_B[15:0] in 06HEX to form the 17-
bit coefficient’s absolute value
3
0BIN
Gain_B_sign
Sign of the sensor bridge gain (Gain_B):
0 => a positive value or
1 => a negative value
4
0BIN
Tcg[16]
1
st-order temperature coefficient of the bridge gain,
bit[16] —functions as the MSB and combines with
Tcg[15:0] in 07HEX to form 17-bit coefficient’s
absolute value
5
0BIN
Tcg_sign
Sign off 1
st-order temperature coefficient (Tcg):
0 => a positive value or
1 => a negative value
6
0BIN
Tco[16]
1
st-order temperature coefficient of the bridge offset,
bit[16] —functions as the MSB and combines with
Tco[15:0] in 08HEX to form 17bit coefficient’s absolute
value
7
0BIN
Tco_sign
Sign of 1
st-order temperature coefficient (Tco):
0 => a positive value or
1 => a negative value
8
0BIN
SOT_tco[16]
2
nd-order temperature coefficient of the bridge offset,
bit[16] —functions as the MSB and combines with
SOT_tco[15:0] in 09HEX to form 17-bit coefficient’s
absolute value
9
0BIN
SOT_tco_sign
Separate setting if 2
nd-order temperature coefficient
(SOT_tco) is:
0 => a positive value or
1 => a negative value
10
0BIN
SOT_tcg[16]
2
nd-order temperature coefficient of the bridge gain,
bit[16] —functions as the MSB and combines with
SOT_tcg[15:0] in 0AHEX to form 17-bit coefficient’s
absolute value
03HEX
11
0BIN
SOT_tcg_sign
Separate setting (sign) if 2
nd-order temperature
coefficient (SOT_tcg) is:
0 => a positive value or
1 => a negative value


Similar Part No. - ZSSC3026

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3026 IDT-ZSSC3026 Datasheet
710Kb / 51P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3026-KIT RENESAS-ZSSC3026-KIT Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3026CC1B IDT-ZSSC3026CC1B Datasheet
710Kb / 51P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026CC1B RENESAS-ZSSC3026CC1B Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3026

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3026 IDT-ZSSC3026 Datasheet
710Kb / 51P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3036 IDT-ZSSC3036 Datasheet
768Kb / 48P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3016 IDT-ZSSC3016 Datasheet
773Kb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3016 RENESAS-ZSSC3016 Datasheet
916Kb / 46P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com