Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1019-V Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CY7C1019-V
Description  STK503 User Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CY7C1019-V Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CY7C1019-V Datasheet HTML 7Page - List of Unclassifed Manufacturers CY7C1019-V Datasheet HTML 8Page - List of Unclassifed Manufacturers CY7C1019-V Datasheet HTML 9Page - List of Unclassifed Manufacturers CY7C1019-V Datasheet HTML 10Page - List of Unclassifed Manufacturers CY7C1019-V Datasheet HTML 11Page - List of Unclassifed Manufacturers CY7C1019-V Datasheet HTML 12Page - List of Unclassifed Manufacturers CY7C1019-V Datasheet HTML 13Page - List of Unclassifed Manufacturers CY7C1019-V Datasheet HTML 14Page - List of Unclassifed Manufacturers CY7C1019-V Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
The TOSC switch
The TOSC inputs can be configured as normal I/O pins, or as input pins for a
low-frequency oscillator that can clock the asynchronous timer. The STK503 has
a 32kHz crystal that can be connected to these pins.
The TOSC switch selects what is connected to the TOSC pins on the AVR:
Normal port pins - the TOSC pins are connected to the PORTG connector
(set the switch to the position indicated by the text PORTG)
32kHz crystal (set the switch to the position nearest the 32kHz crystal)
The External Memory Interface
The AVRs supported by STK503 can access external memories or peripherals
through its External Memory Interface. This interface consist of PORTA
(multiplexed data and address low byte), PORTC (address high byte), and
PORTG[2:0] (RD, WR and ALE).
SRAM footprint
STK503 has a footprint where an SRAM chip can be mounted. The footprint
takes 128Kx8 SOJ and TSOP packages.
Figure 6-1: The SRAM footprint. The arrow shows pin 1.


Similar Part No. - CY7C1019-V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
CY7C1019-V ATMEL-CY7C1019-V Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
More results

Similar Description - CY7C1019-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
logo
Telit loT Solutions
HE910 TELIT-HE910 Datasheet
2Mb / 111P
   HW User Guide
logo
Texas Instruments
LOG114EVM TI1-LOG114EVM Datasheet
571Kb / 21P
[Old version datasheet]   LOG114EVM User Guide
logo
OSRAM GmbH
TMF882X OSRAM-TMF882X Datasheet
1Mb / 37P
   EVM User Guide
v6-00 2022-May-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com