Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V124SA-PH Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IDT71V124SA-PH
Description  STK503 User Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IDT71V124SA-PH Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IDT71V124SA-PH Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT71V124SA-PH Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT71V124SA-PH Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT71V124SA-PH Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT71V124SA-PH Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT71V124SA-PH Datasheet HTML 9Page - List of Unclassifed Manufacturers IDT71V124SA-PH Datasheet HTML 10Page - List of Unclassifed Manufacturers IDT71V124SA-PH Datasheet HTML 11Page - List of Unclassifed Manufacturers IDT71V124SA-PH Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
guide.
High-Voltage Parallel Programming (HVPP)
HVPP programming is always available. The other programming modes, ISP and
JTAG programming, can be disabled. With HVPP, the other programming modes
can be enabled.
HVPP requires the target voltage to be set to 5V. If you have any external
hardware connected to STK500/STK503 that does not tolerate 5V, it must be
disconnected before you HVPP program the AVR.
Figure 4-2: HVPP programming the AVR
To HVPP program the AVR on STK503, follow these steps:
1.
Turn off power on STK500.
2.
Disconnect any hardware that does not tolerate 5V.
3.
Connect the PROGCTRL connector to PORTD and PROGDATA to
PORTB on the STK500 as show in the figure below.
4.
Set jumpers and switches according to Table 4-1.
5.
Connect a serial cable to the RS232 CTRL connector on STK500 and
your PC.
6.
Turn on power on STK500.
7.
Start AVR Studio. On the Tools menu, select "Program AVR/ Connect..."
8.
On the Board tab, make sure the VTarget slider shows 5V. If not, adjust it
and press Write Voltages .
You are now ready to program the device. For more information on how to use
the programming dialog, see the Frontend software section in the STK500 user
guide.


Similar Part No. - IDT71V124SA-PH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
IDT71V124SA-PH ATMEL-IDT71V124SA-PH Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
More results

Similar Description - IDT71V124SA-PH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
logo
Telit loT Solutions
HE910 TELIT-HE910 Datasheet
2Mb / 111P
   HW User Guide
logo
Texas Instruments
LOG114EVM TI1-LOG114EVM Datasheet
571Kb / 21P
[Old version datasheet]   LOG114EVM User Guide
logo
OSRAM GmbH
TMF882X OSRAM-TMF882X Datasheet
1Mb / 37P
   EVM User Guide
v6-00 2022-May-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com