Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM8825-KIT Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZSPM8825-KIT
Description  Evaluation Kit for the ZSPM1025D True Digital PWM Controller and the Murata OKLP-X/25-W12-C Power Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM8825-KIT Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZSPM8825-KIT Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSPM8825-KIT Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ZSPM8825-KIT
Evaluation Kit for the ZSPM1025D Controller
Kit Description
November 26, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
13 of 19
6.3.
Output Capacitor Range Selection
The ZSPM1025D controllers have been pre-configured with four sets of compensation loop parameters. Each set
of compensation parameters has been designed to match a range of output capacitors (see the ZSPM1025D
Data Sheet for more information on the output capacitor ranges). The Evaluation Board enables the customer to
test the performance of the controller for each of the four output capacitor ranges. A minimum set of ceramic
capacitors are always present on the output of the Murata OKLP-X/25-W12-C Power Block (capacitor range #1,
no jumper on J7) and further capacitor banks can be selected with a jumper on header J7 (see Table 6.2). The
type and number of capacitors connected to the output for each range are listed in Table 6.2. On the Evaluation
Board, one of the three LEDs adjacent to J7 will turn green to indicate if capacitor range #2, #3, or #4 has been
selected (see Figure 6.1). If none of the LEDs is on, it means that capacitor range #1 has been selected.
Figure 6.1
J7 - Output Capacitor Range Hardware Selection
It is important to ensure that the output capacitor range selected on J7 matches the compensator selected for the
ZSPM1025D. The compensator can be selected on the J5 DIP switch with switches 5 through 8 (see Table 6.2).
Important: Ensure that for the set of switches 5 through 8 on DIP switch J5, only one switch is in the ON position.
The output voltage slew rate is always set to 10 V/ms on the ZSPM8825 Evaluation Board.
Table 6.2
ZSPM8825 Evaluation Board
– Output Capacitors
Capacitor
Range
Ceramic
Capacitor
Bulk Electrolytic
Capacitors
Header J7
DIP Switch J5
#1
3 x 100µF 6.3V X5R
2 x 47µF 10V X7R
None
Comp0 Setting
#2
7 x 100µF 6.3V X5R
4 x 47µF 10V X7R
None
Comp1 Setting
#3
3 x 100µF 6.3V X5R
2 x 47µF 10V X7R
3 x 470µF, 7m
Ω ESR
Comp2 Setting
#4
7 x 100µF 6.3V X5R
4 x 47µF 10V X7R
8 x 470µF, 7m
Ω ESR
Comp3 Setting


Similar Part No. - ZSPM8825-KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM8825-KIT ETC2-ZSPM8825-KIT Datasheet
2Mb / 40P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Integrated Device Techn...
ZSPM8825-KIT IDT-ZSPM8825-KIT Datasheet
1Mb / 38P
   True Digital PWM Controller
logo
Renesas Technology Corp
ZSPM8825-KIT RENESAS-ZSPM8825-KIT Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
More results

Similar Description - ZSPM8825-KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM8725-KIT ETC2-ZSPM8725-KIT Datasheet
1Mb / 20P
   Evaluation Kit for the ZSPM1025C True Digital PWM Controller and the Murata OKLP-X/25-W12-C Power Block
logo
Maxim Integrated Produc...
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
   Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
MAX3678EVKIT MAXIM-MAX3678EVKIT Datasheet
78Kb / 1P
   Evaluation Kit for the MAX3678
11/9/2009
logo
STMicroelectronics
UM1059 STMICROELECTRONICS-UM1059 Datasheet
470Kb / 9P
   The STPMC1 and STPMS2 evaluation kit
October 2014 Rev 2
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1035C IDT-ZSPM1035C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
   True Digital PWM Controller
ZSPM2000 IDT-ZSPM2000 Datasheet
499Kb / 42P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com