Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASSR-3210 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-3210
Description  General Purpose, Form A, Solid State Relay (Photo MOSFET)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-3210 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASSR-3210 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Package Outline Drawings
ASSR-3211 6-Pin DIP Package
4.19
(0.165)
2.29
(0.090)
2.54
(0.100)
TYP.
0.635 ± 0.130
(0.025 ± 0.005)
9.65 ± 0.25
(0.380 ± 0.010)
7.62 ± 0.25
(0.300 ± 0.010)
0.635 ± 0.25
(0.025 ± 0.010)
12 ¡ NOM.
0.20 (0.008)
0.30 (0.013)
1.78
(0.070)
MAX.
9.65 ± 0.25
(0.380 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
1.27 (0.050)
10.9 (0.430)
MAX.
2.0 (0.080)
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
LAND PATTERN RECOMMENDATION
ASSR-3210 4-Pin Small Outline Package
DIMENSIONS IN MILLIMETERS AND [INCHES]
OPTION NUMBER 500 AND UL RECOGNITION NOT MARKED
0.46
0.018
0.5
0.02
0.5
0.02
2.0 ±0.2
0.079±0.009
0.102±0.102
0.004±0.004
0.20
0.008
4.3 ±0.2
0.169±0.008
2.54
0.100
4.40±0.20
0.173±0.008
0.41
0.016
6.8 ±0.4
0.268±0.016
TYPE NUMBER
DATE CODE
LEAD FREE
0.80
0.031
2.540
0.10
4.80
0.189
1.20
0.047
0.375
0.015
YWW
xxxx
LAND PATTERN RECOMMENDATION


Similar Part No. - ASSR-3210

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-3210 BOARDCOM-ASSR-3210 Datasheet
934Kb / 17P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (250V/0.2A/10廓)
More results

Similar Description - ASSR-3210

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-4110 AVAGO-ASSR-4110 Datasheet
558Kb / 16P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-1410-003E AVAGO-ASSR-1410-003E Datasheet
465Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
logo
Broadcom Corporation.
ASSR-1218 BOARDCOM-ASSR-1218 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4118 BOARDCOM-ASSR-4118 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1218-503E AVAGO-ASSR-1218-503E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-3211-501E AVAGO-ASSR-3211-501E Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET) (250V/0.2A/10??
ASSR-1410 AVAGO-ASSR-1410 Datasheet
196Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET) (60V/0.6A/1??
logo
Broadcom Corporation.
ASSR-1410 BOARDCOM-ASSR-1410 Datasheet
693Kb / 16P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (60V/0.6A/1廓)
ASSR-3210 BOARDCOM-ASSR-3210 Datasheet
934Kb / 17P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (250V/0.2A/10廓)
ASSR-4110 BOARDCOM-ASSR-4110 Datasheet
984Kb / 18P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (400V/0.12A/25廓)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com