Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASSR-3210 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-3210
Description  General Purpose, Form A, Solid State Relay (Photo MOSFET)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-3210 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASSR-3210 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ASSR-3210 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
Figure. 13 Switching Test Circuit for TON, TOFF
INPUT
IF
OUTPUT
Vo
10%
t
ON
PULSE GEN.
Zo = 50
tf = tr = 5ns
INPUT
MONITORING
NODE
OUTPUT Vo
MONITORING
NODE
IF
CL*
RL
( *CL IS APPROXIMATELY 25pF WHICH
INCLUDES PROBE AND STRAY WIRING
CAPACITANCE)
V
DD
R
200ohm
t
OFF
90%
50%
50%
P.W. = 15 ms
1
2
8
7
3
4
6
5
ASSR-3220
150
200
250
300
350
400
450
-40
-20
0
20
40
60
80
100
IF = 5mA
TA - TEMPERATURE -
°C
0
10
20
30
40
50
-40
-20
0
20
40
60
80
100
TA - TEMPERATURE -
°C
IF = 5mA
Figure 10. Typical Turn On Time vs. Temperature
Figure 12. Typical Turn Off Time vs. Temperature
Figure 11. Typical Turn Off Time vs. Input Current
0
10
20
30
40
50
60
70
0
5
10
15
20
IF(ON) - INPUT CURRENT - mA


Similar Part No. - ASSR-3210

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-3210 BOARDCOM-ASSR-3210 Datasheet
934Kb / 17P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (250V/0.2A/10廓)
More results

Similar Description - ASSR-3210

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-4110 AVAGO-ASSR-4110 Datasheet
558Kb / 16P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-1410-003E AVAGO-ASSR-1410-003E Datasheet
465Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
logo
Broadcom Corporation.
ASSR-1218 BOARDCOM-ASSR-1218 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4118 BOARDCOM-ASSR-4118 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1218-503E AVAGO-ASSR-1218-503E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-3211-501E AVAGO-ASSR-3211-501E Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET) (250V/0.2A/10??
ASSR-1410 AVAGO-ASSR-1410 Datasheet
196Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET) (60V/0.6A/1??
logo
Broadcom Corporation.
ASSR-1410 BOARDCOM-ASSR-1410 Datasheet
693Kb / 16P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (60V/0.6A/1廓)
ASSR-3210 BOARDCOM-ASSR-3210 Datasheet
934Kb / 17P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (250V/0.2A/10廓)
ASSR-4110 BOARDCOM-ASSR-4110 Datasheet
984Kb / 18P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (400V/0.12A/25廓)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com