Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY67151-396LF Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY67151-396LF
Description  0.7-3.8 GHz Ultra Low-Noise Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY67151-396LF Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY67151-396LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY67151-396LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY67151-396LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY67151-396LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY67151-396LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY67151-396LF Datasheet HTML 11Page - Skyworks Solutions Inc. SKY67151-396LF Datasheet HTML 12Page - Skyworks Solutions Inc. SKY67151-396LF Datasheet HTML 13Page - Skyworks Solutions Inc. SKY67151-396LF Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DATA SHEET • SKY67151-396LF ULTRA LOW-NOISE AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
March 25, 2013 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202390C
Table 8. Noise Parameters vs Frequency (@ +25 °C, 5 V, 70 mA) (2 of 3)
Frequency
(MHz)
FMIN
(dB)
Gamma opt
(Mag)
Gamma opt
(Phase)
Noise Resistance
(RN)
(
Ω)
Associated Gain
(dB)
Maximum Gain
(GMAX)
(dB)
2300
0.37
0.25
132.94
0.03
20.13
20.56
2350
0.37
0.26
134.85
0.03
19.99
20.44
2400
0.38
0.26
136.74
0.03
19.85
20.31
2450
0.39
0.27
138.61
0.03
19.71
20.19
2500
0.40
0.28
140.46
0.03
19.58
20.07
2550
0.41
0.29
142.31
0.03
19.45
19.96
2600
0.42
0.29
144.14
0.03
19.32
19.85
2650
0.43
0.30
145.96
0.03
19.19
19.74
2700
0.44
0.31
147.77
0.03
19.07
19.63
2750
0.45
0.32
149.57
0.03
18.95
19.52
2800
0.45
0.32
151.37
0.03
18.84
19.42
2850
0.46
0.33
153.17
0.03
18.72
19.32
2900
0.47
0.34
154.97
0.03
18.61
19.21
2950
0.48
0.34
156.76
0.03
18.50
19.11
3000
0.49
0.35
158.55
0.03
18.39
19.02
3050
0.50
0.36
160.35
0.03
18.29
18.92
3100
0.51
0.36
162.14
0.03
18.18
18.82
3150
0.51
0.37
163.94
0.04
18.08
18.72
3200
0.52
0.38
165.74
0.04
17.98
18.63
3250
0.53
0.38
167.54
0.04
17.89
18.53
3300
0.54
0.39
169.35
0.04
17.79
18.44
3350
0.55
0.39
171.16
0.04
17.69
18.34
3400
0.55
0.40
172.97
0.04
17.60
18.25
3450
0.56
0.41
174.78
0.04
17.51
18.15
3500
0.57
0.41
176.59
0.04
17.42
18.06
3550
0.58
0.42
178.41
0.04
17.33
17.97
3600
0.58
0.42
–179.77
0.04
17.24
17.87
3650
0.59
0.43
–177.96
0.04
17.16
17.78
3700
0.60
0.43
–176.14
0.04
17.07
17.69
3750
0.60
0.43
–174.33
0.04
16.99
17.60
3800
0.61
0.44
–172.52
0.04
16.91
17.51
3850
0.62
0.44
–170.71
0.04
16.83
17.42
3900
0.62
0.45
–168.91
0.04
16.75
17.33
3950
0.63
0.45
–167.11
0.04
16.67
17.25
4000
0.64
0.45
–165.33
0.04
16.59
17.16
4050
0.64
0.46
–163.55
0.04
16.52
17.07
4100
0.65
0.46
–161.79
0.04
16.44
16.99
4150
0.66
0.46
–160.05
0.04
16.37
16.91


Similar Part No. - SKY67151-396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67150-396LF SKYWORKS-SKY67150-396LF Datasheet
1Mb / 19P
   300 to 2200 MHz Ultra Low-Noise Amplifier
SKY67153-396LF SKYWORKS-SKY67153-396LF Datasheet
1Mb / 23P
   0.7 to 3.8 GHz Ultra Low-Noise Amplifier
SKY67154-396LF SKYWORKS-SKY67154-396LF Datasheet
597Kb / 9P
   0.7 to 3.8 GHz Ultra-Low-Noise Amplifier
SKY67159-396LF SKYWORKS-SKY67159-396LF Datasheet
3Mb / 18P
   200 to 3800 MHz Broadband Low-Noise Amplifier
SKY67159_396LF SKYWORKS-SKY67159_396LF Datasheet
3Mb / 18P
   200 to 3800 MHz Broadband Low-Noise Amplifier
More results

Similar Description - SKY67151-396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67154-396LF SKYWORKS-SKY67154-396LF Datasheet
597Kb / 9P
   0.7 to 3.8 GHz Ultra-Low-Noise Amplifier
SKY67153-396LF SKYWORKS-SKY67153-396LF Datasheet
1Mb / 23P
   0.7 to 3.8 GHz Ultra Low-Noise Amplifier
logo
Guerrilla RF, Inc.
GRF2051 GUERRILLA-GRF2051 Datasheet
977Kb / 13P
   Ultra-Low Noise Amplifier Tuning Range: 0.7 – 3.8 GHz
05/31/19
GRF2072 GUERRILLA-GRF2072 Datasheet
1Mb / 11P
   Ultra-Low Noise Amplifier Tuning Range: 1.5 ??3.8 GHz
logo
Skyworks Solutions Inc.
SKY65048-360LF SKYWORKS-SKY65048-360LF Datasheet
524Kb / 19P
   0.7-1.2 GHz Low Noise Amplifier
logo
Guerrilla RF, Inc.
GRF2071 GUERRILLA-GRF2071 Datasheet
1Mb / 11P
   Ultra-Low Noise Amplifier Tuning Range: 0.7 ??2.7 GHz
GRF2071-W GUERRILLA-GRF2071-W Datasheet
1Mb / 14P
   Ultra-Low Noise Amplifier Tuning Range: 0.7 to 2.7 GHz
GRF2130 GUERRILLA-GRF2130 Datasheet
725Kb / 10P
   Ultra-High Gain LNA Tuning Range: 0.7 to 3.8 GHz
logo
Skyworks Solutions Inc.
SKY13630-11 SKYWORKS-SKY13630-11 Datasheet
188Kb / 2P
   0.7 to 3.8 GHz DPDT Switch Module
logo
Hittite Microwave Corpo...
HMC491LP3 HITTITE-HMC491LP3 Datasheet
233Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com