Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F327-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F327-GM
Description  Full Speed USB, 16 kB Flash MCU Family
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F327-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F327-GM Datasheet HTML 1Page - Silicon Laboratories C8051F327-GM Datasheet HTML 2Page - Silicon Laboratories C8051F327-GM Datasheet HTML 3Page - Silicon Laboratories C8051F327-GM Datasheet HTML 4Page - Silicon Laboratories C8051F327-GM Datasheet HTML 5Page - Silicon Laboratories C8051F327-GM Datasheet HTML 6Page - Silicon Laboratories C8051F327-GM Datasheet HTML 7Page - Silicon Laboratories C8051F327-GM Datasheet HTML 8Page - Silicon Laboratories C8051F327-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 141 page
background image
Full Speed USB, 16 kB Flash MCU Family
C8051F326/7
Rev. 1.1 8/08
Copyright © 2008 by Silicon Laboratories
C8051F326/7
USB Function Controller
-
USB specification 2.0 compliant
-
Full speed (12 Mbps) or low speed (1.5 Mbps)
operation
-
Integrated clock recovery; no external crystal
required for full speed or low speed
-
Supports three fixed-function endpoints
-
256 Byte USB buffer memory
-
Integrated transceiver; no external resistors
required
On-Chip Debug
-
On-chip debug circuitry facilitates full speed,
non-intrusive in-system debug (no emulator
required)
-
Provides breakpoints, single stepping,
inspect/modify memory and registers
-
Superior performance to emulation systems using
ICE-chips, target pods, and sockets
Voltage Supply Input: 2.7 to 5.25 V
-
Voltages from 3.6 to 5.25 V supported using
On-Chip Voltage Regulator
High-Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 25 MIPS throughput with 25 MHz clock
-
Expanded interrupt handler
Memory
-
1536 bytes internal RAM
(1 k + 256 + 256 USB FIFO)
-
16k bytes Flash; In-system programmable in
512-byte sectors
Digital Peripherals
-
15 Port I/O; All 5 V tolerant with high sink current
-
Enhanced UART
-
Two general purpose 16-bit timers
Clock Sources
-
Internal oscillator: 0.25% accuracy with clock
recovery enabled. Supports all USB and UART
modes
-
External CMOS clock
-
Can switch between clock sources on-the-fly; useful
in power saving strategies
Packages
-
28-pin QFN
-
Temperature Range: –40 to +85 °C
ANALOG
PERIPHERALS
16 KB
ISP FLASH
1536 B
SRAM
POR
DEBUG
CIRCUITRY
8
INTERRUPTS
8051 CPU
(25MIPS)
DIGITAL I/O
PRECISION INTERNAL
OSCILLATOR
HIGH-SPEED CONTROLLER CORE
USB Controller / Transceiver
VREG
Port 0
Port 2
Port 3
UART
Timer 0
Timer 1
LOW FREQUENCY
OSCILLATOR


Similar Part No. - C8051F327-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
   Full Speed USB, 16 kB Flash MCU Family
More results

Similar Description - C8051F327-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F326 ETC1-C8051F326 Datasheet
1Mb / 40P
   Full Speed USB, 16 kB Flash MCU Family
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
   Full Speed USB, 16 kB Flash MCU Family
logo
Silicon Laboratories
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
   Full Speed USB Flash MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F321-GMR SILABS-C8051F321-GMR Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320_09 Datasheet
1Mb / 251P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320_V01 Datasheet
4Mb / 254P
   Full Speed USB, 16 k ISP FLASH MCU Family
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com