Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F304-GM Datasheet(PDF) 9 Page - Silicon Laboratories

Part # C8051F304-GM
Description  Mixed Signal ISP Flash MCU Family
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F304-GM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button C8051F304-GM Datasheet HTML 5Page - Silicon Laboratories C8051F304-GM Datasheet HTML 6Page - Silicon Laboratories C8051F304-GM Datasheet HTML 7Page - Silicon Laboratories C8051F304-GM Datasheet HTML 8Page - Silicon Laboratories C8051F304-GM Datasheet HTML 9Page - Silicon Laboratories C8051F304-GM Datasheet HTML 10Page - Silicon Laboratories C8051F304-GM Datasheet HTML 11Page - Silicon Laboratories C8051F304-GM Datasheet HTML 12Page - Silicon Laboratories C8051F304-GM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 179 page
background image
Rev. 2.9
9
C8051F300/1/2/3/4/5
List of Tables
1. System Overview
Table 1.1. Product Selection Guide ......................................................................... 14
2. Absolute Maximum Ratings
Table 2.1. Absolute Maximum Ratings .................................................................... 24
3. Global Electrical Characteristics
Table 3.1. Global Electrical Characteristics ............................................................. 25
4. Pinout and Package Definitions
Table 4.1. Pin Definitions for the C8051F300/1/2/3/4/5 ........................................... 27
Table 4.2. QFN-11 Package Dimensions ................................................................ 29
Table 4.3. QFN-11 Landing Diagram Dimensions ................................................... 31
Table 4.4. SOIC-14 Package Dimensions ............................................................... 33
Table 4.5. SOIC-14 PCB Land Pattern Dimensions ................................................ 34
5. ADC0 (8-Bit ADC, C8051F300/2)
Table 5.1. ADC0 Electrical Characteristics .............................................................. 47
6. Voltage Reference (C8051F300/2)
Table 6.1. External Voltage Reference Circuit Electrical Characteristics ................ 50
7. Comparator0
Table 7.1. Comparator0 Electrical Characteristics .................................................. 55
8. CIP-51 Microcontroller
Table 8.1. CIP-51 Instruction Set Summary ............................................................ 59
Table 8.2. Special Function Register (SFR) Memory Map ...................................... 66
Table 8.3. Special Function Registers ..................................................................... 66
Table 8.4. Interrupt Summary .................................................................................. 74
9. Reset Sources
Table 9.1. User Code Space Address Limits ........................................................... 86
Table 9.2. Reset Electrical Characteristics .............................................................. 86
10. Flash Memory
Table 10.1. Flash Electrical Characteristics ............................................................ 90
Table 10.2. Security Byte Decoding ........................................................................ 91
11. Oscillators
Table 11.1. Internal Oscillator Electrical Characteristics ......................................... 99
12. Port Input/Output
Table 12.1. Port I/O DC Electrical Characteristics ................................................. 110
13. SMBus
Table 13.1. SMBus Clock Source Selection .......................................................... 116
Table 13.2. Minimum SDA Setup and Hold Times ................................................ 117
Table 13.3. Sources for Hardware Changes to SMB0CN ..................................... 121
Table 13.4. SMBus Status Decoding ..................................................................... 127
14. UART0
Table 14.1. Timer Settings for Standard Baud Rates
Using The Internal 24.5 MHz Oscillator .............................................. 138
Table 14.2. Timer Settings for Standard Baud Rates
Using an External 25 MHz Oscillator .................................................. 138


Similar Part No. - C8051F304-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F304-GM ETC-C8051F304-GM Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F304-GM SILABS-C8051F304-GM Datasheet
177Kb / 2P
   25 MIPS, 4 kB Flash, 11-Pin Mixed-Signal MCU
More results

Similar Description - C8051F304-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com