Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT16.896 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT16.896
Description  SAW filter technical specification
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT16.896 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT16.896 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
______________________________________________________________________________________________ 
 
      P.O.Box 2513 Chongqing China 400060   Tel:86-23-62920684   Fax:62805284   email:sawmkt@sipat.com
U E
LBT 16.896
UE LBT 16.896 MHz SAW filter technical specification
Absolute Maximum Rating
Rating
Value
CW RF power Dissipation
+13dBm
DC Voltage between any 2 pins
30VDC
Operating Temperature
-10 to +50
Electrical Characteristic
Frequency response                       Package
Characteristic
Unit
Minimum
Typical
Maximum
Center Frequency (f0)
MHz
16.881
16.896
16.911
Insertion Loss
dB
15.39
21
Q
55
Ultimate Rejection 
dB
21
23.30
Substrate Material 
112LT
Package
LMZ-8
Ambient Temperature
25
15.5
16
16.5
17
17.5
18
-80
-70
-60
-50
-40
-30
-20
Type performance
Frequency(MHz)


Similar Part No. - LBT16.896

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16009 SIPAT-LBT16009 Datasheet
51Kb / 1P
   SAW Filter Electrical Characteristic
LBT16009 SIPAT-LBT16009 Datasheet
52Kb / 1P
   SAW Filter Electrical Characteristic
LBT16010 SIPAT-LBT16010 Datasheet
276Kb / 3P
   160MHz SAW Filter 8.5MHz Bandwidth
LBT16010 SIPAT-LBT16010 Datasheet
282Kb / 3P
   160MHz SAW Filter 8.5MHz Bandwidth
LBT16011 SIPAT-LBT16011 Datasheet
47Kb / 1P
   SAW Filter Electrical Characteristic
More results

Similar Description - LBT16.896

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT34.368A SIPAT-LBT34.368A Datasheet
69Kb / 1P
   SAW filter technical specification
SP465 SIPAT-SP465 Datasheet
40Kb / 1P
   SAW Filter Technical Specification
LBS33.792 SIPAT-LBS33.792 Datasheet
52Kb / 1P
   SAW filter technical specification
LBS67.584 SIPAT-LBS67.584 Datasheet
48Kb / 1P
   SAW filter technical specification
LBS84.48 SIPAT-LBS84.48 Datasheet
52Kb / 1P
   SAW filter technical specification
LBT24602L SIPAT-LBT24602L Datasheet
122Kb / 1P
   SAW filter technical specification
LBN11002L SIPAT-LBN11002L Datasheet
122Kb / 1P
   SAW filter technical specification
LBN11504L SIPAT-LBN11504L Datasheet
48Kb / 1P
   SAW Filter Technical Specification
LBN7601L SIPAT-LBN7601L Datasheet
111Kb / 1P
   SAW Filter Technical Specification
LBS32201 SIPAT-LBS32201 Datasheet
73Kb / 1P
   SAW Filter Technical Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com