Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLQ1608-F12N Datasheet(PDF) 2 Page - TOKO, Inc

Part # LLQ1608-F12N
Description  Wire Wound Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLQ1608-F12N Datasheet(HTML) 2 Page - TOKO, Inc

  LLQ1608-F12N Datasheet HTML 1Page - TOKO, Inc LLQ1608-F12N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
接上页
TOKO STANDARD PART NUMBERS
东光标准零件号码
TYPE LLQ1608 Series (Quantity/reel; 3,000 PCS)
东光零件号码
电感值(1)
公差
电感值测试频率
最小Q(1)
Q测试频率
最小自谐振频率(2) 最大直流电阻(3) 最大额定直流电流(4)
TOKO
part number
Inductance
(1)
Lo (nH)
Tolerance
Inductance
Test Frequency
(MHz)
Q
(1)
Min.
Q
Test Frequency
(MHz)
S.R.F.
(2)
(MHz)
Min.
RDC
(3)
(
)
Max.
Rated DC
Current
(4)
(mA) Max.
LLQ1608-F3N6□
3.6
J,K
250
22
250
5900
0.063
700
LLQ1608-F3N9□
3.9
J,K
250
22
250
6900
0.080
700
LLQ1608-F4N3□
4.3
J,K
250
22
250
5900
0.063
700
LLQ1608-F4N7□
4.7
J,K
250
20
250
5800
0.116
700
LLQ1608-F5N6□
5.6
J,K
250
25
250
6000
0.100
700
LLQ1608-F6N8□
6.8
G,J,K
250
27
250
5800
0.110
700
LLQ1608-F7N5□
7.5
G,J,K
250
28
250
4800
0.106
700
LLQ1608-F8N2□
8.2
G,J,K
250
28
250
4600
0.110
700
LLQ1608-F8N7□
8.7
G,J,K
250
28
250
4600
0.109
700
LLQ1608-F9N5□
9.5
G,J,K
250
28
250
5400
0.135
700
LLQ1608-F10N□
10
G,J,K
250
31
250
4800
0.130
700
LLQ1608-F11N□
11
G,J,K
250
33
250
4000
0.107
700
LLQ1608-F12N□
12
G,J,K
250
35
250
4000
0.130
700
LLQ1608-F15N□
15
G,J,K
250
35
250
4000
0.170
700
LLQ1608-F16N□
16
G,J,K
250
34
250
3300
0.134
700
LLQ1608-F18N□
18
G,J,K
250
35
250
3100
0.170
700
LLQ1608-F22N□
22
G,J,K
250
38
250
3000
0.190
700
LLQ1608-F24N□
24
G,J,K
250
37
250
2650
0.161
700
LLQ1608-F27N□
27
G,J,K
250
40
250
2800
0.220
600
LLQ1608-F30N□
30
G,J,K
250
37
250
2250
0.187
600
LLQ1608-F33N□
33
G,J,K
250
40
250
2300
0.220
600
LLQ1608-F36N□
36
G,J,K
250
38
250
2080
0.250
600
LLQ1608-F39N□
39
G,J,K
250
40
250
2200
0.250
600
LLQ1608-F43N□
43
G,J,K
250
39
250
2000
0.280
600
LLQ1608-F47N□
47
G,J,K
200
38
200
2000
0.280
600
LLQ1608-F56N□
56
G,J,K
200
38
200
1900
0.310
600
LLQ1608-F68N□
68
G,J,K
200
37
200
1700
0.340
600
LLQ1608-F72N□
72
G,J,K
150
34
150
1700
0.490
400
LLQ1608-F82N□
82
G,J,K
150
34
150
1700
0.540
400
LLQ1608-FR10□
100
G,J,K
150
34
150
1400
0.580
400
LLQ1608-FR11□
110
G,J,K
150
32
150
1350
0.610
300
LLQ1608-FR12□
120
G,J,K
150
32
150
1300
0.720
300
LLQ1608-FR15□
150
G,J,K
150
28
150
990
0.920
280
LLQ1608-FR18□
180
G,J,K
100
25
100
990
1.250
240
LLQ1608-FR22□
220
G,J,K
100
25
100
900
2.10
200
LLQ1608-FR27□
270
G,J,K
100
24
100
900
2.30
170
LLQ1608-FR33□
330
G,J,K
100
25
100
900
3.63
170
LLQ1608-FR39□
390
G,J,K
100
25
100
700
3.70
130
LLQ1608-FR47□
470
G,J,K
100
25
100
700
5.90
100
Add the tolerance of inductance to within the □ of the part Number as follows: G=
2%, J=5%, K=10%
□ 添加电感值公差至品名如:G=
2%, J=5%, K=10%
(1) Inductance and Q is measured with a RF LCR meter 4287A
(Agilent Technologies) or equivalent.
(2) Self resonant frequency is measured with a network analyzer
8720ES (Agilent Technologies) or equivalent.
(3) DC resistance is measured with a micro ohm meter 34420A
(Agilent Technologies) or equivalent.
(4) Rated DC current is coil temperature to rise by 20°C. (Reference
ambient temperature 20°C)
(1) 使用LCR仪表4287A(Agilent 技术)或者功能相同的仪器测量电
感值和Q值。
(2使用网络分析器8720ES(Agilent 技术) 或者功能相同的工具测量自
谐振频率。
(3) 使用微欧姆表34420A(Agilent 技术)或者功能相同的工具测量直流
电阻。
(4) 额定直流电流是线圈温度上升20°C。(参考周围环境温度20°C)
Wire Wound Chip Inductors
贴片绕线型电感器


Similar Part No. - LLQ1608-F12N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608-F12N TOKO-LLQ1608-F12N Datasheet
377Kb / 2P
   Wirewound Chip Inductors
More results

Similar Description - LLQ1608-F12N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2016T330K TAIYO-YUDEN-LB2016T330K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com