Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGU1C183MELA Datasheet(PDF) 3 Page - Nichicon corporation

Part # LGU1C183MELA
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGU1C183MELA Datasheet(HTML) 3 Page - Nichicon corporation

  LGU1C183MELA Datasheet HTML 1Page - Nichicon corporation LGU1C183MELA Datasheet HTML 2Page - Nichicon corporation LGU1C183MELA Datasheet HTML 3Page - Nichicon corporation LGU1C183MELA Datasheet HTML 4Page - Nichicon corporation LGU1C183MELA Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
22
× 25
22
× 30
25
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 35
30
× 30
25
× 40
30
× 35
25
× 50
30
× 40
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1250
1470
1440
1580
1520
1820
1750
2070
2110
1930
2330
2270
2240
2540
2550
2970
2900
2830
3280
3240
3730
3710
4160
4690
0.82
0.92
0.92
1.01
1.01
1.11
1.11
1.23
1.23
1.23
1.36
1.36
1.36
1.48
1.48
1.63
1.63
1.63
1.78
1.78
1.96
1.96
2.15
2.38
LGU1J122MELZ
LGU1J152MELZ
LGU1J152MELA
LGU1J182MELZ
LGU1J182MELA
LGU1J222MELZ
LGU1J222MELA
LGU1J272MELZ
LGU1J272MELA
LGU1J272MELB
LGU1J332MELZ
LGU1J332MELA
LGU1J332MELB
LGU1J392MELA
LGU1J392MELB
LGU1J472MELA
LGU1J472MELB
LGU1J472MELC
LGU1J562MELB
LGU1J562MELC
LGU1J682MELB
LGU1J682MELC
LGU1J822MELC
LGU1J103MELC
63V (1J)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD×L(mm)
Cap.
(µF)
560
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
22
× 25
22
× 30
25
× 25
22
× 30
25
× 30
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
25
× 40
30
× 35
25
× 50
30
× 35
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1070
1350
1350
1540
1560
1740
1760
1710
1990
2030
2000
2280
2270
2570
2590
2520
2940
2900
3320
3310
3690
4140
0.70
0.85
0.85
0.94
0.94
1.03
1.03
1.03
1.16
1.16
1.16
1.27
1.27
1.40
1.40
1.40
1.55
1.55
1.72
1.72
1.87
2.05
LGU2A561MELZ
LGU2A821MELZ
LGU2A821MELA
LGU2A102MELZ
LGU2A102MELA
LGU2A122MELZ
LGU2A122MELA
LGU2A122MELB
LGU2A152MELZ
LGU2A152MELA
LGU2A152MELB
LGU2A182MELA
LGU2A182MELB
LGU2A222MELA
LGU2A222MELB
LGU2A222MELC
LGU2A272MELB
LGU2A272MELC
LGU2A332MELB
LGU2A332MELC
LGU2A392MELC
LGU2A472MELC
100V (2A)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD×L(mm)
Cap.
(µF)
GU
series
Dimensions
Rated ripple current (mArms) at 105°C 120Hz
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
22
× 25
22
× 25
22
× 30
25
× 25
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 25
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1110
1290
1440
1390
1610
1620
1830
1860
1810
2090
2010
2100
2430
2430
2760
2780
2710
2920
3120
3070
3520
3500
3800
3870
4190
0.76
0.84
0.92
0.92
1.03
1.03
1.13
1.13
1.13
1.25
1.25
1.25
1.39
1.39
1.54
1.54
1.54
1.67
1.67
1.67
1.83
1.83
2.00
2.00
2.21
LGU1K821MELZ
LGU1K102MELZ
LGU1K122MELZ
LGU1K122MELA
LGU1K152MELZ
LGU1K152MELA
LGU1K182MELZ
LGU1K182MELA
LGU1K182MELB
LGU1K222MELZ
LGU1K222MELA
LGU1K222MELB
LGU1K272MELA
LGU1K272MELB
LGU1K332MELA
LGU1K332MELB
LGU1K332MELC
LGU1K392MELA
LGU1K392MELB
LGU1K392MELC
LGU1K472MELB
LGU1K472MELC
LGU1K562MELB
LGU1K562MELC
LGU1K682MELC
80V (1K)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD×L(mm)
Cap.
(µF)
0270
0330
0390
0470
0560
0680
0820
1000
1200
1500
1800
2200
2700
20
× 25
20
× 30
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 30
30
× 25
20
× 45
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
35
× 25
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
30
× 40
35
× 30
30
× 45
35
× 35
35
× 45
35
× 50
1100
1200
1300
1300
1340
1550
1550
1500
1670
1670
1670
1700
1820
1820
1820
2040
2040
2040
2040
2250
2250
2250
2250
2490
2490
2490
2840
2840
3320
3000
3500
4000
0.62
0.68
0.74
0.74
0.82
0.82
0.82
0.89
0.89
0.89
0.89
0.98
0.98
0.98
0.98
1.08
1.08
1.08
1.08
1.20
1.20
1.20
1.20
1.31
1.31
1.31
1.46
1.46
1.60
1.60
1.77
1.97
LGU2C271MELY
LGU2C331MELY
LGU2C391MELY
LGU2C391MELZ
LGU2C471MELY
LGU2C471MELZ
LGU2C471MELA
LGU2C561MELY
LGU2C561MELZ
LGU2C561MELA
LGU2C561MELB
LGU2C681MELY
LGU2C681MELZ
LGU2C681MELA
LGU2C681MELB
LGU2C821MELZ
LGU2C821MELA
LGU2C821MELB
LGU2C821MELC
LGU2C102MELZ
LGU2C102MELA
LGU2C102MELB
LGU2C102MELC
LGU2C122MELA
LGU2C122MELB
LGU2C122MELC
LGU2C152MELB
LGU2C152MELC
LGU2C182MELB
LGU2C182MELC
LGU2C222MELC
LGU2C272MELC
160V (2C)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
CAT.8100C


Similar Part No. - LGU1C183MELA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGU1C183MELA NICHICON-LGU1C183MELA Datasheet
132Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1C183MELA NICHICON-LGU1C183MELA Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1C183MELA NICHICON-LGU1C183MELA Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1C183MELA NICHICON-LGU1C183MELA Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1C183MELA NICHICON-LGU1C183MELA Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGU1C183MELA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com