Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRV3012T2R2M Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # NRV3012T2R2M
Description  SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRV3012T2R2M Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  NRV3012T2R2M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NRV3012T2R2M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc NRV3012T2R2M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc NRV3012T2R2M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc NRV3012T2R2M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc NRV3012T2R2M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc NRV3012T2R2M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc NRV3012T2R2M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc NRV3012T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
38
SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
REFLOW
i_smd_NR_e-E02R01
SMD POWER INDUCTORS (NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
PARTS NUMBER
*Operating Temp. : -25~+120℃ (NRS40/50/60/80 : -25~+125℃) (Including self-generated heat)
N
R △
4
0
1
8
T △
1
0
0
M
△=Blank space
⑤ ⑥
①Series name
Code
Series name
NR△
Coating resin specification
NRH
NRS
NRV
②Dimensions(L×W×H)
Code
Dimensions(L×W×H)[mm]
2010
2.0×2.0×1.0
2012
2.0×2.0×1.2
2410
2.4×2.4×1.0
2412
2.4×2.4×1.2
3010
3.0×3.0×1.0
3012
3.0×3.0×1.2
3015
3.0×3.0×1.5
4010
4.0×4.0×1.0
4012
4.0×4.0×1.2
4018
4.0×4.0×1.8
5010
4.9×4.9×1.0
5012
4.9×4.9×1.2
5014
4.9×4.9×1.4
5020
4.9×4.9×2.0
5024
4.9×4.9×2.4
5030
4.9×4.9×3.0
5040
4.9×4.9×4.0
6010
6.0×6.0×1.0
6012
6.0×6.0×1.2
6014
6.0×6.0×1.4
6020
6.0×6.0×2.0
6028
6.0×6.0×2.8
6045
6.0×6.0×4.5
8030
8.0×8.0×3.0
8040
8.0×8.0×4.0
③Packaging
Code
Packaging
T△
Taping
④Nominal inductance
Code
(example)
Nominal inductance[μH]
2R2
2.2
100
10
101
100
※R=Decimal point
⑤Inductance tolerance
Code
Inductance tolerance
M
±20%
N
±30%
⑥Internal code
STANDARD EXTERNAL DIMENSIONS / STANDARD QUANTITY
Recommended Land Patterns
W
L
H
e
e
f
B
A
A
C
Type
A
B
C
NRV2010,
0.65
1.35
2.0
NRS2012, NRV2012
NRH2410
0.7
1.45
2.0
NRH2412
NR 3010, NRH3010
0.8
2.2
2.7
NR 3012, NRH3012, NRV3012
NR 3015, NRS3015
NR 4010, NRS4010
1.2
2.8
3.7
NR 4012, NRS4012
NR 4018, NRS4018
NRS8030
1.8
5.6
7.5
NR 8040, NRS8040
Unit:mm
Type
L
W
H
e
f
Standard quantity
[pcs] Taping
NRV2010
2.0±0.1
(0.079±0.004)
2.0±0.1
(0.079±0.004)
1.0 max
(0.039 max)
0.5±0.2
(0.020±0.008)
1.25±0.2
(0.050±0.008)
2500
NRS2012
NRV2012
2.0±0.1
(0.079±0.004)
2.0±0.1
(0.079±0.004)
1.2 max
(0.047 max)
0.5±0.2
(0.020±0.008)
1.25±0.2
(0.050±0.008)
2500
NRH2410
2.4±0.1
(0.095±0.004)
2.4±0.1
(0.095±0.004)
1.0 max
(0.039 max)
0.6±0.2
(0.024±0.008)
1.45±0.2
(0.057±0.008)
2500
NRH2412
2.4±0.1
(0.095±0.004)
2.4±0.1
(0.095±0.004)
1.2 max
(0.047 max)
0.6±0.2
(0.024±0.008)
1.45±0.2
(0.057±0.008)
2500
NR 3010
NRH3010
3.0±0.1
(0.118±0.004)
3.0±0.1
(0.118±0.004)
1.0 max
(0.039 max)
0.9±0.2
(0.035±0.008)
1.9±0.2
(0.075±0.008)
2000


Similar Part No. - NRV3012T2R2M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NRV3012T2R2M TAIYO-YUDEN-NRV3012T2R2M Datasheet
296Kb / 12P
   SMD INDUCTORS SMALL AND LARGE CURRENT TYPE
NRV3012T2R2M TAIYO-YUDEN-NRV3012T2R2M Datasheet
811Kb / 22P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRV3012T2R2M TAIYO-YUDEN-NRV3012T2R2M Datasheet
635Kb / 23P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRV3012T2R2M TAIYO-YUDEN-NRV3012T2R2M Datasheet
291Kb / 3P
   SMD Power Inductors (NR series V type)
NRV3012T2R2M8 TAIYO-YUDEN-NRV3012T2R2M8 Datasheet
301Kb / 3P
   SMD Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (NR series V type)
More results

Similar Description - NRV3012T2R2M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR5040T100M TAIYO-YUDEN-NR5040T100M Datasheet
635Kb / 23P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NR8040T3R6N TAIYO-YUDEN-NR8040T3R6N Datasheet
811Kb / 22P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NR8040T4R7N TAIYO-YUDEN-NR8040T4R7N Datasheet
635Kb / 23P
   SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRH2410T1R5MN TAIYO-YUDEN-NRH2410T1R5MN Datasheet
293Kb / 3P
   SMD Power Inductors (NR series H type)
NRH2410T6R8MN TAIYO-YUDEN-NRH2410T6R8MN Datasheet
292Kb / 3P
   SMD Power Inductors (NR series H type)
NRH2412T2R2MNGH TAIYO-YUDEN-NRH2412T2R2MNGH Datasheet
293Kb / 3P
   SMD Power Inductors (NR series H type)
NRH2412T3R3MNGH TAIYO-YUDEN-NRH2412T3R3MNGH Datasheet
293Kb / 3P
   SMD Power Inductors (NR series H type)
NRH2412T6R8MNGH TAIYO-YUDEN-NRH2412T6R8MNGH Datasheet
293Kb / 3P
   SMD Power Inductors (NR series H type)
NRH3010T1R5NN TAIYO-YUDEN-NRH3010T1R5NN Datasheet
300Kb / 3P
   SMD Power Inductors (NR series H type)
NRH3012T1R0NN TAIYO-YUDEN-NRH3012T1R0NN Datasheet
146Kb / 1P
   SMD Power Inductors (NR series H type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com