Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEARY-00-0000-000000L09 Datasheet(PDF) 5 Page - Cree, Inc

Part # XTEARY-00-0000-000000L09
Description  XLamp XT-E LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEARY-00-0000-000000L09 Datasheet(HTML) 5 Page - Cree, Inc

  XTEARY-00-0000-000000L09 Datasheet HTML 1Page - Cree, Inc XTEARY-00-0000-000000L09 Datasheet HTML 2Page - Cree, Inc XTEARY-00-0000-000000L09 Datasheet HTML 3Page - Cree, Inc XTEARY-00-0000-000000L09 Datasheet HTML 4Page - Cree, Inc XTEARY-00-0000-000000L09 Datasheet HTML 5Page - Cree, Inc XTEARY-00-0000-000000L09 Datasheet HTML 6Page - Cree, Inc XTEARY-00-0000-000000L09 Datasheet HTML 7Page - Cree, Inc XTEARY-00-0000-000000L09 Datasheet HTML 8Page - Cree, Inc XTEARY-00-0000-000000L09 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
xlamp xT-E lEDs
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2011-2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
5
relative sPectral PoWer distribution - White
relative sPectral PoWer distribution - royal blue
Relative Spectral Power
0%
20%
40%
60%
80%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000K - 8300K CCT
2600K - 3700K CCT
2200K CCT
Relative Spectral Power
0%
20%
40%
60%
80%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
Royal Blue


Similar Part No. - XTEARY-00-0000-000000L09

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEARY-00-0000-000000L09 CREE-XTEARY-00-0000-000000L09 Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
More results

Similar Description - XTEARY-00-0000-000000L09

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
logo
Cree, Inc
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com