Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEGRN-L1-0000-00E01 Datasheet(PDF) 4 Page - Cree, Inc

Part # XPEGRN-L1-0000-00E01
Description  XLamp XP-E LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEGRN-L1-0000-00E01 Datasheet(HTML) 4 Page - Cree, Inc

  XPEGRN-L1-0000-00E01 Datasheet HTML 1Page - Cree, Inc XPEGRN-L1-0000-00E01 Datasheet HTML 2Page - Cree, Inc XPEGRN-L1-0000-00E01 Datasheet HTML 3Page - Cree, Inc XPEGRN-L1-0000-00E01 Datasheet HTML 4Page - Cree, Inc XPEGRN-L1-0000-00E01 Datasheet HTML 5Page - Cree, Inc XPEGRN-L1-0000-00E01 Datasheet HTML 6Page - Cree, Inc XPEGRN-L1-0000-00E01 Datasheet HTML 7Page - Cree, Inc XPEGRN-L1-0000-00E01 Datasheet HTML 8Page - Cree, Inc XPEGRN-L1-0000-00E01 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
4
xlamp xp-e leds
fluX characteristics (t
J = 25 °c) - color
The following table provides several base order codes for XLamp XP-e LeDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well
as a complete description of the order‑code nomenclature, please consult the XLamp Xp Family Binning and Labeling
document.
color
dominant Wavelength range
base order codes
min. radiant flux
(mW) @ 350 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (mW)
Royal
Blue
D3
450
D5
465
14
350
XPeROY-L1-0000-00901
15
425
XPeROY-L1-0000-00A01
16
500
XpERoY‑L1‑0000‑00B01
color
dominant Wavelength range
base order codes
min. luminous flux
(lm) @ 350 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Blue
B3
465
B6
485
K2
30.6
XpEBLU‑L1‑0000‑00Y01
K3
35.2
XpEBLU‑L1‑0000‑00Z01
M2
39.8
XpEBLU‑L1‑0000‑00201
color
dominant Wavelength range
base order codes
min. luminous flux
(lm) @ 350 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Green
G2
520
G4
535
P4
80.6
XPeGRN-L1-0000-00901
Q2
87.4
XPeGRN-L1-0000-00A01
Q3
93.9
XpEGRN‑L1‑0000‑00B01
Q4
100
XPeGRN-L1-0000-00C01
Q5
107
XPeGRN-L1-0000-00D01
R2
114
XPeGRN-L1-0000-00e01
Note: Cree maintains a tolerance of ± 7% on flux and power measurements and ± 1 nm on dominant wavelength
measurements.


Similar Part No. - XPEGRN-L1-0000-00E01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEGRN-L1-0000-00E01 CREE-XPEGRN-L1-0000-00E01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
More results

Similar Description - XPEGRN-L1-0000-00E01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com