Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEGRN-L1-0000-00D01 Datasheet(PDF) 6 Page - Cree, Inc

Part # XPEGRN-L1-0000-00D01
Description  XLamp XP-E LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEGRN-L1-0000-00D01 Datasheet(HTML) 6 Page - Cree, Inc

Back Button XPEGRN-L1-0000-00D01 Datasheet HTML 2Page - Cree, Inc XPEGRN-L1-0000-00D01 Datasheet HTML 3Page - Cree, Inc XPEGRN-L1-0000-00D01 Datasheet HTML 4Page - Cree, Inc XPEGRN-L1-0000-00D01 Datasheet HTML 5Page - Cree, Inc XPEGRN-L1-0000-00D01 Datasheet HTML 6Page - Cree, Inc XPEGRN-L1-0000-00D01 Datasheet HTML 7Page - Cree, Inc XPEGRN-L1-0000-00D01 Datasheet HTML 8Page - Cree, Inc XPEGRN-L1-0000-00D01 Datasheet HTML 9Page - Cree, Inc XPEGRN-L1-0000-00D01 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
6
xlamp xp-e leds
relative sPectral PoWer distribution
White
color
Relative Spectral Power
XP Color Graph 1
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
5000K -
10000K CCT
3700K -
5000K CCT
2600K -
3700K CCT
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
Blue
Green
Amber
Red-
Orange
Red
XP Color Graph 1
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
Royal Blue
Blue
Green
Amber
Red-Orange
Red


Similar Part No. - XPEGRN-L1-0000-00D01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEGRN-L1-0000-00D01 CREE-XPEGRN-L1-0000-00D01 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEGRN-L1-0000-00D01 CREE-XPEGRN-L1-0000-00D01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
More results

Similar Description - XPEGRN-L1-0000-00D01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com