Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRCAMB-L1-0000-00J01 Datasheet(PDF) 6 Page - Cree, Inc

Part # XRCAMB-L1-0000-00J01
Description  XLamp XR-C LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XRCAMB-L1-0000-00J01 Datasheet(HTML) 6 Page - Cree, Inc

Back Button XRCAMB-L1-0000-00J01 Datasheet HTML 2Page - Cree, Inc XRCAMB-L1-0000-00J01 Datasheet HTML 3Page - Cree, Inc XRCAMB-L1-0000-00J01 Datasheet HTML 4Page - Cree, Inc XRCAMB-L1-0000-00J01 Datasheet HTML 5Page - Cree, Inc XRCAMB-L1-0000-00J01 Datasheet HTML 6Page - Cree, Inc XRCAMB-L1-0000-00J01 Datasheet HTML 7Page - Cree, Inc XRCAMB-L1-0000-00J01 Datasheet HTML 8Page - Cree, Inc XRCAMB-L1-0000-00J01 Datasheet HTML 9Page - Cree, Inc XRCAMB-L1-0000-00J01 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
XLamp Xr-c Leds
Copyright © 2007-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
relative fluX vs. Junction temPerature (i
f = 350 ma)
Relative Flux vs. Junction Temperature (If = 350 mA)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
25
50
75
100
125
150
Junction temperature (°c)
White
Blue
Green
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
25
50
75
100
125
150
Junction temperature (°c)
Amber
Red-orange
Red
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
25
50
75
100
125
150
Junction temperature (°c)
Royal


Similar Part No. - XRCAMB-L1-0000-00J01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XRCBLU-L1-0000-002E6 CREE-XRCBLU-L1-0000-002E6 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XRCBLU-L1-0000-002E7 CREE-XRCBLU-L1-0000-002E7 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XRCBLU-L1-0000-002E8 CREE-XRCBLU-L1-0000-002E8 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XRCBLU-L1-0000-002F7 CREE-XRCBLU-L1-0000-002F7 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XRCBLU-L1-0000-002F8 CREE-XRCBLU-L1-0000-002F8 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
More results

Similar Description - XRCAMB-L1-0000-00J01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com