Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPCBLU-L1-0000-00Y01 Datasheet(PDF) 5 Page - Cree, Inc

Part # XPCBLU-L1-0000-00Y01
Description  XLamp XP-C LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPCBLU-L1-0000-00Y01 Datasheet(HTML) 5 Page - Cree, Inc

  XPCBLU-L1-0000-00Y01 Datasheet HTML 1Page - Cree, Inc XPCBLU-L1-0000-00Y01 Datasheet HTML 2Page - Cree, Inc XPCBLU-L1-0000-00Y01 Datasheet HTML 3Page - Cree, Inc XPCBLU-L1-0000-00Y01 Datasheet HTML 4Page - Cree, Inc XPCBLU-L1-0000-00Y01 Datasheet HTML 5Page - Cree, Inc XPCBLU-L1-0000-00Y01 Datasheet HTML 6Page - Cree, Inc XPCBLU-L1-0000-00Y01 Datasheet HTML 7Page - Cree, Inc XPCBLU-L1-0000-00Y01 Datasheet HTML 8Page - Cree, Inc XPCBLU-L1-0000-00Y01 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
5
xlAMP xP-c lEDS
color
dominant Wavelength range
base order codes min.
luminous flux @ 350 ma
calculated min. luminous
flux (lm) @ 125 ma*
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Red
R2
620
R3
630
M2
39.8
15.2
XPCReD-L1-0000-00201
M3
45.7
17.5
XPCReD-L1-0000-00301
N2
51.7
19.7
XPCReD-L1-0000-00401
N3
56.8
21.7
XPCReD-L1-0000-00501
* Calculated values for reference only
Note: Cree maintains a tolerance of ± 7% on flux and power measurements and ± 1 nm on dominant wavelength
measurements.


Similar Part No. - XPCBLU-L1-0000-00Y01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCBLU-L1-0000-00Y01 CREE-XPCBLU-L1-0000-00Y01 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPCBLU-L1-0000-00Y01 CREE-XPCBLU-L1-0000-00Y01 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
More results

Similar Description - XPCBLU-L1-0000-00Y01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com