Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XQEAWT-00-0000-00000LDE4 Datasheet(PDF) 1 Page - Cree, Inc

Part # XQEAWT-00-0000-00000LDE4
Description  XLamp XQ-E LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XQEAWT-00-0000-00000LDE4 Datasheet(HTML) 1 Page - Cree, Inc

  XQEAWT-00-0000-00000LDE4 Datasheet HTML 1Page - Cree, Inc XQEAWT-00-0000-00000LDE4 Datasheet HTML 2Page - Cree, Inc XQEAWT-00-0000-00000LDE4 Datasheet HTML 3Page - Cree, Inc XQEAWT-00-0000-00000LDE4 Datasheet HTML 4Page - Cree, Inc XQEAWT-00-0000-00000LDE4 Datasheet HTML 5Page - Cree, Inc XQEAWT-00-0000-00000LDE4 Datasheet HTML 6Page - Cree, Inc XQEAWT-00-0000-00000LDE4 Datasheet HTML 7Page - Cree, Inc XQEAWT-00-0000-00000LDE4 Datasheet HTML 8Page - Cree, Inc XQEAWT-00-0000-00000LDE4 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Product family data sheet
Copyright © 2013-2014 Cree, Inc. All rights reserved. The information in this document is subject to change without
notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc.
cree® Xlamp® XQ-e leds
Product descriPtion
The XLamp® XQ-e LeD family packs
the lighting-class performance of
the XP-e2 into a package that is 78
percent smaller. The compact XQ-e
LeD enables lighting manufacturers
to significantly reduce the size and
total cost of their LeD luminaires,
without sacrificing light output,
efficacy or reliability.
The new XQ-e LeDs open up new
design possibilities for a wide
spectrum of lighting applications
such as portable, indoor directional,
architectural or vehicle lighting. The
XQ-e’s combination of consistent
design across all configurations
and its small size permit improved
color mixing and optical control,
compared to the larger XP-e2 LeD.
features
• Cree’s smallest lighting class
LeD: 1.6 X 1.6 X 1.44 mm
• Available in 70- and
80-minimum CRI white, blue,
green, PC amber, red-orange &
red
• 1 A maximum drive current
• Wide viewing angle: white 110°,
blue, green & PC amber, 125°,
red-orange & red 130°
• Reflow solderable - JEDEC
J-STD-020C compatible
• Unlimited floor life at
≤ 30 °C/85% RH
• RoHS-compliant
• UL-recognized component
(e349212)
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
table of contents
Characteristics .......................... 2
Flux Characteristics - White ........ 3
Flux Characteristics - Color ......... 4
Relative Spectral Power
Distribution............................... 6
Relative Flux vs. Junction
Temperature ............................. 7
electrical Characteristics............. 8
Relative Flux vs. Current ............ 9
Typical Spatial Distribution.........10
Thermal Design........................11
Reflow Soldering Characteristics .12
Notes......................................13
Mechanical Dimensions..............14
Tape and Reel ..........................15
Packaging................................16


Similar Part No. - XQEAWT-00-0000-00000LDE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQEAWT-00-0000-00000LDE4 CREE-XQEAWT-00-0000-00000LDE4 Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQEAWT-00-0000-00000LDE4 CREELED-XQEAWT-00-0000-00000LDE4 Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
More results

Similar Description - XQEAWT-00-0000-00000LDE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
logo
Cree, Inc
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-B CREE-XQ-B Datasheet
1Mb / 11P
   XLamp XQ-B LED
XQ-D CREE-XQ-D Datasheet
1Mb / 12P
   XLamp XQ-D LED
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
logo
Cree LED
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
logo
Cree, Inc
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com