Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRCWHT-L1-0000-00701 Datasheet(PDF) 2 Page - Cree, Inc

Part # XRCWHT-L1-0000-00701
Description  XLamp XR-C LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XRCWHT-L1-0000-00701 Datasheet(HTML) 2 Page - Cree, Inc

  XRCWHT-L1-0000-00701 Datasheet HTML 1Page - Cree, Inc XRCWHT-L1-0000-00701 Datasheet HTML 2Page - Cree, Inc XRCWHT-L1-0000-00701 Datasheet HTML 3Page - Cree, Inc XRCWHT-L1-0000-00701 Datasheet HTML 4Page - Cree, Inc XRCWHT-L1-0000-00701 Datasheet HTML 5Page - Cree, Inc XRCWHT-L1-0000-00701 Datasheet HTML 6Page - Cree, Inc XRCWHT-L1-0000-00701 Datasheet HTML 7Page - Cree, Inc XRCWHT-L1-0000-00701 Datasheet HTML 8Page - Cree, Inc XRCWHT-L1-0000-00701 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
XLamp Xr-c Leds
Copyright © 2007-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
characteristics - White, royal blue, blue, Green
characteristics
unit
minimum
typical
maximum
Thermal resistance, junction to solder point
°C/W
12
viewing angle (FWHm) - white
degrees
90
viewing angle (FWHm) - royal blue, blue, green
degrees
100
Temperature coefficient of voltage
mv/°C
-4.0
ESD classification (HBM per Mil-Std-883D)
Class 2
DC forward current
mA
500
Reverse voltage
v
5
Forward voltage (@ 350 mA) - white, royal blue, blue
v
3.5
4.0
Forward voltage (@ 350 mA) - green
v
3.7
4.0
Forward voltage (@ 500 mA) - white, royal blue, blue
v
3.6
LeD junction temperature*
°C
150
* note: for lumen maintenance data, see the cree Xlamp led reliability document.
characteristics - amber, red-oranGe, red
characteristics
unit
minimum
typical
maximum
Thermal resistance, junction to solder point
°C/W
15
viewing angle (FWHm)
degrees
90
Temperature coefficient of voltage - red-orange, red
mv/°C
-2.3
Temperature coefficient of voltage - amber
mv/°C
-1.8
ESD classification (HBM per Mil-Std-883D)
Class 2
DC forward current - red-orange, red
mA
700
DC forward current - amber
mA
350
Reverse voltage
v
5
Forward voltage (@ 350 mA)
v
2.2
2.5
Forward voltage (@ 700 mA) - red-orange, red
v
2.4
LeD junction temperature*
°C
150
* note: for lumen maintenance data, see the cree Xlamp led reliability document.


Similar Part No. - XRCWHT-L1-0000-00701

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XRCWHT-L1-0000-00701 CREE-XRCWHT-L1-0000-00701 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
More results

Similar Description - XRCWHT-L1-0000-00701

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com