Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRCWHT-L1-0000-00501 Datasheet(PDF) 1 Page - Cree, Inc

Part # XRCWHT-L1-0000-00501
Description  XLamp XR-C LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XRCWHT-L1-0000-00501 Datasheet(HTML) 1 Page - Cree, Inc

  XRCWHT-L1-0000-00501 Datasheet HTML 1Page - Cree, Inc XRCWHT-L1-0000-00501 Datasheet HTML 2Page - Cree, Inc XRCWHT-L1-0000-00501 Datasheet HTML 3Page - Cree, Inc XRCWHT-L1-0000-00501 Datasheet HTML 4Page - Cree, Inc XRCWHT-L1-0000-00501 Datasheet HTML 5Page - Cree, Inc XRCWHT-L1-0000-00501 Datasheet HTML 6Page - Cree, Inc XRCWHT-L1-0000-00501 Datasheet HTML 7Page - Cree, Inc XRCWHT-L1-0000-00501 Datasheet HTML 8Page - Cree, Inc XRCWHT-L1-0000-00501 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Product family data sheet
cree® Xlamp® Xr-c leds
Copyright © 2007-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without
notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc.
Product descriPtion
The
XLamp
XR-C
LeD
gives
lighting designers the flexibility
and performance to create the
next generation of LED lighting
products. XLamp XR-C LeDs feature
electrically neutral thermal path,
low thermal resistance and support
for a wide range of drive currents.
Cree
XLamp
LeDs
bring
high
performance and quality of light to a
wide range of lighting applications,
including color-changing, portable
and
personal,
outdoor,
indoor-
directional, transportation, stage
and
studio,
commercial
and
emergency-vehicle lighting.
features
Available in white (2600 K
to 10,000 K CCT), royal
blue, blue, green, amber,
red-orange & red
Maximum drive current: up
to 700 mA
Low thermal resistance: as
low as 12 °C/W
Max junction temperature:
150 °C
Industry-leading JeDeC
standard pre-qualification
testing
Reflow solderable – JEDEC
J-STD-020C compatible
electrically neutral thermal
path
Lumen maintenance of
greater than 70% after
50,000 hours
RoHS- and ReACh-compliant
UL-recognized component
(e349212)
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
table of contents
Characteristics - White, Royal Blue,
Blue, Green .................................. 2
Characteristics - Amber, Red-orange,
Red ............................................. 2
Flux Characteristics - White ............ 3
Flux Characteristics - Color ............. 3
Relative Spectral power Distribution . 5
Relative Flux vs. Junction
Temperature ................................. 6
electrical Characteristics................. 7
Relative Flux vs. Current ................ 8
Typical Spatial Distribution.............. 9
Thermal Design............................10
Reflow Soldering Characteristics .....11
Notes..........................................12
mechanical Dimensions..................14
Tape and Reel ..............................15
Dry packaging and packaging .........16


Similar Part No. - XRCWHT-L1-0000-00501

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XRCWHT-L1-0000-005E3 CREE-XRCWHT-L1-0000-005E3 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XRCWHT-L1-0000-005E4 CREE-XRCWHT-L1-0000-005E4 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XRCWHT-L1-0000-005E5 CREE-XRCWHT-L1-0000-005E5 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XRCWHT-L1-0000-005E6 CREE-XRCWHT-L1-0000-005E6 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XRCWHT-L1-0000-005E7 CREE-XRCWHT-L1-0000-005E7 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
More results

Similar Description - XRCWHT-L1-0000-00501

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com