Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813-IF62.5M-20B Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 813-IF62.5M-20B
Description  62.5 MHz IF SAW Filter 20.5 MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-IF62.5M-20B Datasheet(HTML) 4 Page - Oscilent Corporation

  813-IF62.5M-20B Datasheet HTML 1Page - Oscilent Corporation 813-IF62.5M-20B Datasheet HTML 2Page - Oscilent Corporation 813-IF62.5M-20B Datasheet HTML 3Page - Oscilent Corporation 813-IF62.5M-20B Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Oscilent Part Number
813-IF62.5M-20B
January 2011 Rev A
62.5 MHz IF SAW Filter 20.5 MHz Bandwidth
Product Specification
P. 3
www.oscilent.com
Frequency Response


Similar Part No. - 813-IF62.5M-20B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF62.5M-14B OSCILENT-813-IF62.5M-14B Datasheet
217Kb / 6P
   62.5MHz IF SAW Filter 14.80 MHz Bandwidth
813-IF62.5M-14C OSCILENT-813-IF62.5M-14C Datasheet
215Kb / 6P
   62.5MHz IF SAW Filter 14.60 MHz Bandwidth
813-IF62.5M-A OSCILENT-813-IF62.5M-A Datasheet
138Kb / 2P
   Base Station & Repeater
813-IF62.5M-BC OSCILENT-813-IF62.5M-BC Datasheet
218Kb / 2P
   Base Station & Repeater
More results

Similar Description - 813-IF62.5M-20B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL6220BV TRANSKO-TL6220BV Datasheet
340Kb / 3P
   62.5 MHz IF SAW Filter / 20.5 MHz Bandwidth
Revision 1: 29 Oct. 2007
TA06219DD1 TRANSKO-TA06219DD1 Datasheet
560Kb / 4P
   62.5 MHz IF SAW Filter / 19.13 MHz Bandwidth
Revision 0: 11. MAR. 2009
logo
Oscilent Corporation
809-SL62.5M-06C OSCILENT-809-SL62.5M-06C Datasheet
213Kb / 6P
   62.5 MHz IF SAW Filter 6.62 MHz Bandwidth
809-SL62.5M-09A OSCILENT-809-SL62.5M-09A Datasheet
257Kb / 6P
   62.5 MHz IF SAW Filter 10.27 MHz Bandwidth
813-SL-62.5M-06B OSCILENT-813-SL-62.5M-06B Datasheet
467Kb / 6P
   62.5 MHz IF SAW Filter 6.55 MHz Bandwidth
809-SL62.5M-16A OSCILENT-809-SL62.5M-16A Datasheet
201Kb / 6P
   62.5 MHz IF SAW Filter 16.60 MHz Bandwidth
809-SL62.5M-21A OSCILENT-809-SL62.5M-21A Datasheet
216Kb / 6P
   62.5 MHz IF SAW Filter 21.3 MHz Bandwidth
809-SL62.9M-20E OSCILENT-809-SL62.9M-20E Datasheet
177Kb / 5P
   62.5 MHz IF SAW Filter 21.2 MHz Bandwidth
logo
Transko Electronics, In...
TA06219AF TRANSKO-TA06219AF Datasheet
589Kb / 4P
   62.5 MHz IF SAW Filter / 18.95 MHz Bandwidth
Revision 0: 30 January 2018
TA06219ED1 TRANSKO-TA06219ED1 Datasheet
610Kb / 4P
   62.5 MHz IF SAW Filter / 19.45 MHz Bandwidth
Revision 0: 3. Sep. 2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com