Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFY4N60P3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFY4N60P3
Description  Polar3 TM HiPerFETTM Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFY4N60P3 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFY4N60P3 Datasheet HTML 1Page - IXYS Corporation IXFY4N60P3 Datasheet HTML 2Page - IXYS Corporation IXFY4N60P3 Datasheet HTML 3Page - IXYS Corporation IXFY4N60P3 Datasheet HTML 4Page - IXYS Corporation IXFY4N60P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXFY4N60P3 IXFA4N60P3
IXFP4N60P3
Fig. 1. Output Characteristics @ TJ = 25ºC
0
0.5
1
1.5
2
2.5
3
3.5
4
012
34567
89
10
VDS - Volts
VGS = 10V
8V
5V
6V
7V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
VDS - Volts
VGS = 10V
8V
6V
5V
7V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
0.5
1
1.5
2
2.5
3
3.5
4
0
2
4
6
8
10
12
14
16
18
20
22
VDS - Volts
4V
6V
5V
VGS = 10V
7V
Fig. 4. RDS(on) Normalized to ID = 2A Value vs.
Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 4A
I D = 2A
Fig. 5. RDS(on) Normalized to ID = 2A Value vs.
Drain Current
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
01
23
45
6
7
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0
1
2
3
4
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade


Similar Part No. - IXFY4N60P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFY4N60P3 IXYS-IXFY4N60P3 Datasheet
328Kb / 7P
   Power MOSFET
IXFY4N60P3 IXYS-IXFY4N60P3_18 Datasheet
328Kb / 7P
   Power MOSFET
More results

Similar Description - IXFY4N60P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH70N15 IXYS-IXFH70N15 Datasheet
55Kb / 2P
   HiPerFETTM Power MOSFETs
IXFR180N06 IXYS-IXFR180N06 Datasheet
82Kb / 2P
   HiPerFETTM Power MOSFETs
IXFP22N60P3 IXYS-IXFP22N60P3 Datasheet
147Kb / 5P
   Polar3 HiperFET Power MOSFETs
IXFH80N085 IXYS-IXFH80N085 Datasheet
54Kb / 2P
   HiPerFETTM Power MOSFETs
IXFK24N100 IXYS-IXFK24N100_07 Datasheet
137Kb / 4P
   HiPerFETTM Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
162Kb / 4P
   HiPerFETTM Power MOSFETs
IXFQ28N60P3 IXYS-IXFQ28N60P3 Datasheet
136Kb / 5P
   Polar3 HiperFET Power MOSFETs
IXFR44N60 IXYS-IXFR44N60 Datasheet
34Kb / 2P
   HiPerFETTM Power MOSFETs ISOPLUS247
IXFR120N20 IXYS-IXFR120N20 Datasheet
34Kb / 2P
   HiPerFETTM Power MOSFETs ISOPLUS247
IXFH90N20Q IXYS-IXFH90N20Q Datasheet
100Kb / 2P
   HiPerFETTM Power MOSFETs Q-CLASS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com