Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITRF-0239-D502 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ITRF-0239-D502
Description  Pulse transformers for THT mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ITRF-0239-D502 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ITRF-0239-D502 Datasheet HTML 1Page - List of Unclassifed Manufacturers ITRF-0239-D502 Datasheet HTML 2Page - List of Unclassifed Manufacturers ITRF-0239-D502 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Pulse Transformers
IT
www.schurter.com/PG85
EMC Products
Variants
Turns Ratio
Tr [μs]
Iign [A]
Uisol
[kV]
Us x Tw
[V
μs]
Ls [mH] RP [Ω]
RS [Ω] CC [pF] Weight [g]
Packing unit [pcs.]
Housing
Order Number
1:1
0.05
0.1
3.2
200
2.8
1.5
1
43/80
8 g
480
35-3
ITRA-0235-D103
1:1
0.9
0.1
3.5
200
2.8
1
1
20
8 g
480
35-3
ITNA-0235-D103
1:1
0.1
0.5
3.2
400
2.2
0.4
0.4
100
11 g
140
39-3
ITRA-0239-D502
1:1
1
0.17
3.5
400
2.2
0.4
0.4
20
11 g
140
39-3
ITNA-0239-D202
1:1
0.05
0.1
3.2
300
3.5
0.7
0.7
90
9 g
45
49-3
ITRA-0249-D104
1:1
1
0.1
3.5
300
3.5
0.7
0.7
20
9 g
45
49-3
ITNA-0249-D104
1:1:1
0.05
0.1
3.2
150
1.1
1
0.5
40
8 g
480
35-4
ITRF-0235-D101
1:1:1
0.5
0.5
3.2
350
1.6
0.4
0.4
90
10 g
140
39-4
ITRF-0239-D502
1:1:1
1.5
0.17
3.5
350
1.6
0.4
0.4
20
10 g
140
39-4
ITNF-0239-D202
1:1:1
1
0.1
3.5
250
1.4
0.5
0.5
20
9 g
45
49-4
ITNF-0249-D101
2:1
0.5
0.5
3.2
350
1.8
0.8
0.4
90
9 g
140
39-3
ITRB-0239-D502
2:1
0.05
0.1
3.2
250
1.4
1
0.5
70
9 g
45
49-3
ITRB-0249-D101
2:1
1
0.1
3.5
250
1.6
1
0.5
20
6 g
45
49-3
ITNB-0249-D101
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments.
Information furnished is believed to be accurate and reliable. However, users should independently evaluate
the suitability and test each product selected for their own applications.


Similar Part No. - ITRF-0239-D502

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR-20403 EVERLIGHT-ITR-20403 Datasheet
246Kb / 8P
   This product itself will remain within RoHS compliant version
ITR-8307 EVERLIGHT-ITR-8307 Datasheet
250Kb / 9P
   LIGHT REFLECTION SWITCH
ITR-9606 EVERLIGHT-ITR-9606 Datasheet
346Kb / 7P
   Opto Interrupter
logo
Source Photonics, Inc.
ITR-D3T-SD5-2 SOURCE-ITR-D3T-SD5-2 Datasheet
1Mb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
More results

Similar Description - ITRF-0239-D502

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ITRA-0235-D103 SCHURTER-ITRA-0235-D103 Datasheet
279Kb / 3P
   Pulse transformers for THT mounting
04.01.2022
ITNA-0235-D103 SCHURTER-ITNA-0235-D103 Datasheet
469Kb / 2P
   Pulse transformers for THT mounting
IL-11-0001 SCHURTER-IL-11-0001_V02 Datasheet
218Kb / 2P
   Cost optimized pulse transformers for THT mounting
04.01.2022
IL-11-0001 SCHURTER-IL-11-0001 Datasheet
419Kb / 2P
   Cost optimized pulse transformers for THT mounting
ILR SCHURTER-ILR_V02 Datasheet
211Kb / 2P
   Cost optimized pulse transformers for THT mounting, short rise time
04.01.2022
ILR SCHURTER-ILR Datasheet
345Kb / 1P
   Cost optimized pulse transformers for THT mounting, short rise time
ISRA-0235-D103 SCHURTER-ISRA-0235-D103 Datasheet
271Kb / 3P
   Pulse transformers for SMD mounting
04.01.2022
ISNA-0235-D103 SCHURTER-ISNA-0235-D103 Datasheet
497Kb / 3P
   Pulse transformers for SMD mounting
IX-30-0001 SCHURTER-IX-30-0001 Datasheet
317Kb / 1P
   Cost optimized pulse transformer for THT mounting, up to 2W
IX-30-0001 SCHURTER-IX-30-0001_V02 Datasheet
205Kb / 2P
   Cost optimized pulse transformer for THT mounting, up to 2W
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com