Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501189-2010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 501189-2010
Description  1.00mm Pitch Pico-Clasp??Wire-to-Board Receptacle Housing, Dual Row, 20 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

501189-2010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  501189-2010 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
501189-2010
Status:
Active
Overview:
Pico-Clasp™ Single and Dual Row Wire-to-Board Connectors
Description:
1.00mm Pitch Pico-Clasp™ Wire-to-Board Receptacle Housing, Dual Row, 20 Circuits
Documents:
3D Model
Product Specification PS-501571-001 (PDF)
Drawing (PDF)
Packaging Specification SPK-501189-001 (PDF)
Product Specification PS-501190-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
501189
Application
Signal, Wire-to-Board
Overview
Pico-Clasp™ Single and Dual Row Wire-to-Board
Connectors
Product Name
Pico-Clasp™
UPC
822348789771
Physical
Breakaway
No
Circuits (maximum)
20
Color - Resin
White
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
151.700/mg
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
1.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501189-001
Product Specification
PS-501190-001, PS-501571-001, RPS-501190-001,
RPS-501190-010, RPS-501190-011, RPS-501190-012,
RPS-501331-001, RPS-501571-006, RPS-501571-007,
RPS-501571-008, RPS-501571-009
Sales Drawing
SD-501189-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501189Series
Mates With
501190 PCB Header Vertical . 501571 PCB
Header Right Angle
Use With
501193 Crimp Terminal
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 501189-2010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
501189-2010 MOLEX11-501189-2010 Datasheet
117Kb / 2P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 20 Circuits
501189-2010 MOLEX-501189-2010 Datasheet
127Kb / 2P
   1.0 WIRE TO BOARD CONN. 2-ROW RECEPTACLE HOUSING
More results

Similar Description - 501189-2010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5011892010 MOLEX1-5011892010_17 Datasheet
31Kb / 1P
   1.00mm Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 20 Circuits
5011892010 MOLEX11-5011892010 Datasheet
117Kb / 2P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 20 Circuits
501189-3010 MOLEX11-501189-3010 Datasheet
38Kb / 1P
   1.00mm Pitch Pico-Clasp??Wire-to-Board Receptacle Housing, Dual Row, 30 Circuits
501189-5010 MOLEX11-501189-5010 Datasheet
38Kb / 1P
   1.00mm Pitch Pico-Clasp??Wire-to-Board Receptacle Housing, Dual Row, 50 Circuits
501189-4010 MOLEX11-501189-4010 Datasheet
38Kb / 1P
   1.00mm Pitch Pico-Clasp??Wire-to-Board Receptacle Housing, Dual Row, 40 Circuits
5011895010 MOLEX1-5011895010_17 Datasheet
31Kb / 1P
   1.00mm Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 50 Circuits
5011894010 MOLEX1-5011894010_17 Datasheet
31Kb / 1P
   1.00mm Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 40 Circuits
5011893010 MOLEX1-5011893010_17 Datasheet
31Kb / 1P
   1.00mm Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 30 Circuits
5011893010 MOLEX11-5011893010 Datasheet
117Kb / 2P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 30 Circuits
5011894010 MOLEX11-5011894010 Datasheet
117Kb / 2P
   1.00mm (.039") Pitch Pico-Clasp Wire-to-Board Receptacle Housing, Dual Row, 40 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com